Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5306ACP-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5306ACP-R2
Description  60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5306ACP-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5306ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 11Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 14Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 15Page - Analog Devices ADL5306ACP-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADL5306
Rev. 0 | Page 13 of 16
R1
R2
1k
Ω
1k
Ω
1nF
1nF
NC
INPT
VREF
IREF
SCAL
BFIN
VPOS
0.1
µF
+VS
COMM
COMM
COMM
COMM
VNEG
VNEG
VSUM
VOUT
VLOG
1
2
3
4
56
78
9
10
11
12
13
14
15
16
ADL5306
03727-0-026
AD8138
EVALUATION
BOARD
HP3577A
NETWORK ANALYZER
+IN
B
A
OUTPUT INPUT R INPUT A INPUT B
POWER
SPLITTER
Figure 26. Configuration for Logarithmic Amplifier Bandwidth Measurement
Figure 26 shows the configuration used for frequency response
measurements of the logarithmic amplifier section. The
AD8138 output is offset to 1.5 V dc and modulated to a depth
of 5% at frequency. R1 is chosen (over a wide range of values up
to 1.0 GΩ) to provide IPD. The buffer is used to deload VLOG.
R1
200k
Ω
1k
Ω
1nF
1k
Ω
1nF
NC
INPT
VREF
IREF
SCAL
BFIN
VPOS
0.1
µF
ALKALINE
"D" CELL
ALKALINE
"D" CELL
COMM
COMM
COMM
COMM
VNEG
VNEG
VSUM
VOUT
VLOG
1
2
3
4
567
8
9
10
11
12
13
14
15
16
ADL5306
03727-0-027
HP89410A
SOURCE TRIGGER CHANNEL 1 CHANNEL 2
Figure 27. Configuration for Noise Spectral Density Measurement
The configuration of Figure 27 is used to measure the noise
performance. Batteries provide both the supply voltage and the
input current in order to minimize the introduction of spurious
noise and ground loop effects. The entire evaluation system,
including the current setting resistors, is mounted in a closed
aluminum enclosure to provide additional shielding to external
noise sources.
R1
200k
Ω
1k
Ω
1nF
1k
Ω
50k
Ω
1nF
NC
INPT
VREF
IREF
SCAL
BFIN
VPOS
0.1
µF
+VS
COMM
COMM
COMM
COMM
VNEG
VNEG
VSUM
VOUT
VLOG
1
2
3
4
56
78
9
10
11
12
13
14
15
16
ADL5306
03727-0-028
TDS5104
CH 1
LeCROY 9210 CH A
9213
Figure 28. Configuration for Logarithmic Amplifier Pulse Response
Measurement
Figure 28 shows the setup used to make the pulse response
measurements. As with the bandwidth measurement, VLOG is
connected directly to BFIN and the buffer amplifier is
configured for a gain of 1. The buffer’s output is connected
through a short cable to the TDS5104 scope, with the input
impedance set to 1 MΩ. The LeCroy’s output is offset to create
the initial pedestal current for a given R1 value. The pulse then
creates a 1-decade current step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com