Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 29Page - Renesas Technology Corp R5F100LE Datasheet HTML 30Page - Renesas Technology Corp R5F100LE Datasheet HTML 31Page - Renesas Technology Corp R5F100LE Datasheet HTML 32Page - Renesas Technology Corp R5F100LE Datasheet HTML 33Page - Renesas Technology Corp R5F100LE Datasheet HTML 34Page - Renesas Technology Corp R5F100LE Datasheet HTML 35Page - Renesas Technology Corp R5F100LE Datasheet HTML 36Page - Renesas Technology Corp R5F100LE Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
33 of 200
Jun 30, 2020
1.5.4 30-pin products
PORT 1
P10 to P17
PORT 2
P20 to P23
4
PORT 3
P30, P31
2
PORT 4
PORT 5
8
PORT 12
P121, P122
P40
P50, P51
2
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
RxD0/P11(RxD0/P16)
TxD0/P12(TxD0/P17)
UART1
RxD1/P01
TxD1/P00
SCL00/P10
SDA00/P11
IIC00
TIMER ARRAY
UNIT (8ch)
ch2
TI02/TO02/P17
(TI02/TO02/P15)
ch3
TI03/TO03/P31
(TI03/TO03/P14)
ch0
ch1
ch4
ch5
ch6
ch7
2
INTP0/P137
INTP3/P30,
INTP4/P31
INTP1/P50,
INTP2/P51
RxD2/P14
A/D CONVERTER
4
ANI0/P20 to
ANI3/P23
AVREFP/P20
AVREFM/P21
2
P120
PORT 13
P137
CSI11
SCK11/P30
SO11/P51
SI11/P50
SCL11/P30
SDA11/P50
IIC11
TI00/P00
TO00/P01
BCD
ADJUSTMENT
CSI00
SCK00/P10
SO00/P12
SI00/P11
VSS TOOLRxD/P11,
TOOLTxD/P12
VDD
SDAA0/P61(SDAA0/P13)
SCLA0/P60(SCLA0/P14)
SERIAL
INTERFACE IICA0
2
INTP5/P16
MULTIPLIER&
DIVIDER,
MULTIPLY-
ACCUMULATOR
PORT 0
P00, P01
2
BUZZER OUTPUT
CLOCK OUTPUT
CONTROL
4
ANI16/P01, ANI17/P00,
ANI18/P147, ANI19/P120
SERIAL ARRAY
UNIT1 (2ch)
UART2
LINSEL
RxD2/P14
TxD2/P13
SCL20/P15
SDA20/P14
IIC20
CSI20
SCK20/P15
SO20/P13
SI20/P14
DIRECT MEMORY
ACCESS CONTROL
PORT 6
P60, P61
2
PORT 14
P147
TI01/TO01/P16
RxD2/P14
PCLBUZ0/P31,
PCLBUZ1/P15
2
WINDOW
WATCHDOG
TIMER
REAL-TIME
CLOCK
CODE FLASH MEMORY
DATA FLASH MEMORY
RL78
CPU
CORE
(TI04/TO04/P13)
(TI05/TO05/P12)
(TI06/TO06/P11)
(TI07/TO07/P10)
CRC
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com