Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F100LE Datasheet HTML 1Page - Renesas Technology Corp R5F100LE Datasheet HTML 2Page - Renesas Technology Corp R5F100LE Datasheet HTML 3Page - Renesas Technology Corp R5F100LE Datasheet HTML 4Page - Renesas Technology Corp R5F100LE Datasheet HTML 5Page - Renesas Technology Corp R5F100LE Datasheet HTML 6Page - Renesas Technology Corp R5F100LE Datasheet HTML 7Page - Renesas Technology Corp R5F100LE Datasheet HTML 8Page - Renesas Technology Corp R5F100LE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 207 page
background image
Datasheet
RL78/G13
RENESAS MCU
True low-power platform (66
μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose
applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
R01DS0131EJ0350 Rev.3.50
1 of 200
Jun 30, 2020
R01DS0131EJ0350
Rev.3.50
Jun 30, 2020
1. OUTLINE
1.1 Features
Ultra-low power consumption technology
 VDD = single power supply voltage of 1.6 to 5.5 V
 HALT mode
 STOP mode
 SNOOZE mode
RL78 CPU core
 CISC architecture with 3-stage pipeline
 Minimum instruction execution time: Can be changed
from high speed (0.03125
μs: @ 32 MHz operation
with high-speed on-chip oscillator) to ultra-low speed
(30.5
μs: @ 32.768 kHz operation with subsystem
clock)
 Address space: 1 MB
 General-purpose registers: (8-bit register × 8) × 4
banks
 On-chip RAM: 2 to 32 KB
Code flash memory
 Code flash memory: 16 to 512 KB
 Block size: 1 KB
 Prohibition of block erase and rewriting (security
function)
 On-chip debug function
 Self-programming (with boot swap function/flash shield
window function)
Data Flash Memory
 Data flash memory: 4 KB to 8 KB
 Back ground operation (BGO): Instructions can be
executed from the program memory while rewriting the
data flash memory.
 Number of rewrites: 1,000,000 times (TYP.)
 Voltage of rewrites: VDD = 1.8 to 5.5 V
High-speed on-chip oscillator
 Select from 32 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz,
6 MHz, 4 MHz, 3 MHz, 2 MHz, and 1 MHz
 High accuracy: +/- 1.0 % (VDD = 1.8 to 5.5 V, TA = -20
to +85°C)
Operating ambient temperature
 TA = -40 to +85°C (A: Consumer applications, D:
Industrial applications )
 TA = -40 to +105°C (G: Industrial applications)
Power management and reset function
 On-chip power-on-reset (POR) circuit
 On-chip voltage detector (LVD) (Select interrupt and
reset from 14 levels)
DMA (Direct Memory Access) controller
 2/4 channels
 Number of clocks during transfer between 8/16-bit
SFR and internal RAM: 2 clocks
Multiplier and divider/multiply-accumulator
 16 bits × 16 bits = 32 bits (Unsigned or signed)
 32 bits ÷ 32 bits = 32 bits (Unsigned)
 16 bits × 16 bits + 32 bits = 32 bits (Unsigned or
signed)
Serial interface
 CSI: 2 to 8 channels
 UART/UART (LIN-bus supported):2 to 4 channels
 I2C/Simplified I2C communication: 3 to 10 channels
Timer
 16-bit timer: 8 to 16 channels
 12-bit interval timer: 1 channel
 Real-time clock:
1 channel (calendar for 99 years,
alarm function, and clock
correction function)
 Watchdog timer:
1 channel (operable with the
dedicated low-speed on-chip
oscillator)
A/D converter
 8/10-bit resolution A/D converter (VDD = 1.6 to 5.5 V)
 Analog input: 6 to 26 channels
 Internal reference voltage (1.45 V) and temperature
sensor Note 1
I/O port
 I/O port: 16 to 120 (N-ch open drain I/O [withstand
voltage of 6 V]: 0 to 4, N-ch open drain I/O
[VDD withstand voltage Note 2/EVDD withstand
voltage Note 3]: 5 to 25)
 Can be set to N-ch open drain, TTL input buffer, and
on-chip pull-up resistor
 Different potential interface: Can connect to a 1.8/2.5/3
V device
 On-chip key interrupt function
 On-chip clock output/buzzer output controller
Others
 On-chip BCD (binary-coded decimal) correction circuit
Notes 1. Can be selected only in HS (high-speed main)
mode
2. Products with 20 to 52 pins
3. Products with 64 to 128 pins
Remark The functions mounted depend on the product.
See 1.6 Outline of Functions.
<R>


Similar Part No. - R5F100LE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F100LE RENESAS-R5F100LE Datasheet
153Kb / 17P
PG-FP5
R5F100LE RENESAS-R5F100LE Datasheet
1Mb / 202P
True Low Power Platform
More results

Similar Description - R5F100LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
logo
STMicroelectronics
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
logo
Renesas Technology Corp
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com