Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 88Page - Renesas Technology Corp R5F100LE Datasheet HTML 89Page - Renesas Technology Corp R5F100LE Datasheet HTML 90Page - Renesas Technology Corp R5F100LE Datasheet HTML 91Page - Renesas Technology Corp R5F100LE Datasheet HTML 92Page - Renesas Technology Corp R5F100LE Datasheet HTML 93Page - Renesas Technology Corp R5F100LE Datasheet HTML 94Page - Renesas Technology Corp R5F100LE Datasheet HTML 95Page - Renesas Technology Corp R5F100LE Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
92 of 200
Jun 30, 2020
(7) Communication at different potential (2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only) (2/2)
(TA = –40 to +85°C, 2.7 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SIp setup time
(to SCKp
↓) Note 2
tSIK1
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
23
110
110
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
33
110
110
ns
SIp hold time
(from SCKp
↓) Note 2
tKSI1
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
Delay time from SCKp
↑
to
SOp output Note 2
tKSO1
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
2. When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance (When 20- to
52-pin products)/EVDD tolerance (When 64- to 128-pin products)) mode for the SOp pin and SCKp pin by
using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the
DC characteristics with TTL input buffer selected.
Remarks 1. Rb[
Ω]:Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load
capacitance, Vb[V]: Communication line voltage
2. p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0),
g: PIM and POM number (g = 1)
3. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00))
4. This value is valid only when CSI00’s peripheral I/O redirect function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com