Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 4Page - Renesas Technology Corp R5F100LE Datasheet HTML 5Page - Renesas Technology Corp R5F100LE Datasheet HTML 6Page - Renesas Technology Corp R5F100LE Datasheet HTML 7Page - Renesas Technology Corp R5F100LE Datasheet HTML 8Page - Renesas Technology Corp R5F100LE Datasheet HTML 9Page - Renesas Technology Corp R5F100LE Datasheet HTML 10Page - Renesas Technology Corp R5F100LE Datasheet HTML 11Page - Renesas Technology Corp R5F100LE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
8 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(5/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
52
pins
52-pin
plastic
LQFP
(10
× 10
mm,
0.65-mm
pitch)
Mounted A
R5F100JCAFA, R5F100JDAFA, R5F100JEAFA,
R5F100JFAFA, R5F100JGAFA, R5F100JHAFA,
R5F100JJAFA, R5F100JKAFA, R5F100JLAFA
#V0, #10, #30,
#X0, #50
PLQP0052JA-A
D
R5F100JCDFA, R5F100JDDFA, R5F100JEDFA,
R5F100JFDFA, R5F100JGDFA, R5F100JHDFA,
R5F100JJDFA, R5F100JKDFA, R5F100JLDFA
G
R5F100JCGFA, R5F100JDGFA, R5F100JEGFA,
R5F100JFGFA, R5F100JGGFA, R5F100JHGFA,
R5F100JJGFA
Not
mounted
A
R5F101JCAFA, R5F101JDAFA, R5F101JEAFA,
R5F101JFAFA, R5F101JGAFA, R5F101JHAFA,
R5F101JJAFA, R5F101JKAFA, R5F101JLAFA
#V0, #10, #30,
#X0, #50
PLQP0052JA-A
D
R5F101JCDFA, R5F101JDDFA, R5F101JEDFA,
R5F101JFDFA, R5F101JGDFA, R5F101JHDFA,
R5F101JJDFA, R5F101JKDFA, R5F101JLDFA
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com