Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 21Page - Renesas Technology Corp R5F100LE Datasheet HTML 22Page - Renesas Technology Corp R5F100LE Datasheet HTML 23Page - Renesas Technology Corp R5F100LE Datasheet HTML 24Page - Renesas Technology Corp R5F100LE Datasheet HTML 25Page - Renesas Technology Corp R5F100LE Datasheet HTML 26Page - Renesas Technology Corp R5F100LE Datasheet HTML 27Page - Renesas Technology Corp R5F100LE Datasheet HTML 28Page - Renesas Technology Corp R5F100LE Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
25 of 200
Jun 30, 2020
1.3.12 80-pin products
● 80-pin plastic LQFP (14 × 14 mm, 0.65-mm pitch)
● 80-pin plastic LFQFP (12 × 12 mm, 0.5-mm pitch)
RL78/G13
(Top View)
1 2 3 4 5 6 7 8 9
10
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
P30/INTP3/RTC1HZ/SCK11/SCL11
P05/TI05/TO05
P06/TI06/TO06
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P74/KR4/INTP8
P75/KR5/INTP9
P76/KR6/INTP10/(RxD2)
P77/KR7/INTP11/(TxD2)
P67/TI13/TO13
P66/TI12/TO12
P65/TI11/TO11
P64/TI10/TO10
P31/TI03/TO03/INTP4/(PCLBUZ0)
P63/SDAA1
P62/SCLA1
P61/SDAA0
P60/SCLA0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P152/ANI10
P151/ANI9
P150/ANI8
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P130
P04/SCK10/SCL10
P03/ANI16/SI10/RxD1/SDA10
P02/ANI17/SO10/TxD1
P01/TO00
P00/TI00
P144/SO30/TxD3
P143/SI30/RxD3/SDA30
P142/SCK30/SCL30
11 12 13 14 15 16 17 18 19 20
Cautions 1. Make EVSS0 pin the same potential as VSS pin.
2. Make VDD pin the potential that is no less than EVDD0 pin.
3. Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. When using the microcontroller for an application where the noise generated inside the microcontroller
must be reduced, it is recommended to supply separate powers to the VDD and EVDD0 pins and connect
the VSS and EVSS0 pins to separate ground lines.
3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com