Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 14Page - Renesas Technology Corp R5F100LE Datasheet HTML 15Page - Renesas Technology Corp R5F100LE Datasheet HTML 16Page - Renesas Technology Corp R5F100LE Datasheet HTML 17Page - Renesas Technology Corp R5F100LE Datasheet HTML 18Page - Renesas Technology Corp R5F100LE Datasheet HTML 19Page - Renesas Technology Corp R5F100LE Datasheet HTML 20Page - Renesas Technology Corp R5F100LE Datasheet HTML 21Page - Renesas Technology Corp R5F100LE Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
18 of 200
Jun 30, 2020
1.3.7 40-pin products
● 40-pin plastic HWQFN (6 × 6 mm, 0.5-mm pitch)
INDEX MARK
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
12 34 5 6 7 8 9 10
30 29 28 27 26 25 24 23 22 21
P50/INTP1/SI11/SDA11
P30/INTP3/RTC1HZ/SCK11/SCL11
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P31/TI03/TO03/INTP4/PCLBUZ0
P62
P61/SDAA0
P60/SCLA0
RL78/G13
(Top View)
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/TO00/RxD1
P00/TI00/TxD1
P120/ANI19
exposed die pad
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.
3. It is recommended to connect an exposed die pad to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com