Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 24Page - Renesas Technology Corp R5F100LE Datasheet HTML 25Page - Renesas Technology Corp R5F100LE Datasheet HTML 26Page - Renesas Technology Corp R5F100LE Datasheet HTML 27Page - Renesas Technology Corp R5F100LE Datasheet HTML 28Page - Renesas Technology Corp R5F100LE Datasheet HTML 29Page - Renesas Technology Corp R5F100LE Datasheet HTML 30Page - Renesas Technology Corp R5F100LE Datasheet HTML 31Page - Renesas Technology Corp R5F100LE Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
28 of 200
Jun 30, 2020
1.3.14 128-pin products
● 128-pin plastic LFQFP (14 × 20 mm, 0.5-mm pitch)
RL78/G13
(Top View)
1 2 3
4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
102 101 100
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
P86/(INTP8)
P85/(INTP7)
P84/(INTP6)
P83
P82/(SO10)/(TxD1)
P81/(SI10)/(RxD1)/(SDA10)
P80/(SCK10)/(SCL10)
EVDD1
EVSS1
P05
P06
P70/KR0/SCK21/SCL21
P71/KR1/SI21/SDA21
P72/KR2/SO21
P73/KR3
P74/KR4/INTP8
P75/KR5/INTP9
P76/KR6/INTP10/(RxD2)
P77/KR7/INTP11/(TxD2)
P67/TI13/TO13
P66/TI12/TO12
P65/TI11/TO11
P64/TI10/TO10
P31/TI03/TO03/INTP4/(PCLBUZ0)
P63/SDAA1
P62/SCLA1
P156/ANI14
P155/ANI13
P154/ANI12
P153/ANI11
P152/ANI10
P151/ANI9
P150/ANI8
P27/ANI7
P26/ANI6
P25/ANI5
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P130
P102/TI06/TO06
P07
P04/SCK10/SCL10
P03/ANI16/SI10/RxD1/SDA10
P02/ANI17/SO10/TxD1
P01/TO00
P00/TI00
P145/TI07/TO07
P144/SO30/TxD3
P143/SI30/RxD3/SDA30
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38
84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
99 98 97 96 95 94 93 92 91 90 89 88 87 86 85
Cautions 1. Make EVSS0 and EVSS1 pins the same potential as VSS pin.
2. Make VDD pin the potential that is no less than EVDD0 and EVDD1 pins (EVDD0 = EVDD1).
3. Connect the REGC pin to Vss via a capacitor (0.47 to 1 µF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. When using the microcontroller for an application where the noise generated inside the microcontroller
must be reduced, it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and
connect the VSS, EVSS0 and EVSS1 pins to separate ground lines.
3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/G13 User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com