Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 123 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 119Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 120Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 121Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 122Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 123Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 124Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 125Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
General Release Specification
DC Electrical Charactertistics (VDD = 3.3 V)
MC68HC705P6A — Rev. 1.0
General Release Specification
Electrical Specifications
14.7 DC Electrical Charactertistics (VDD = 3.3 V)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Iload = 10.0 µA
Iload = –10.0 µA
VOL
VOH
VDD –0.1
0.1
V
Output High Voltage
(Iload = –0.2 mA) PA0:7, PB5:7, PC2:7, PD5, TCMP
(Iload = –1.2 mA) PC0:1
VOH
VDD –0.3
VDD –0.3
V
Output Low Voltage
(Iload = 0.4 mA) PA0:7, PB5:7, PC2:7, PD5, TCMP
(Iload = 2.5 mA) PC0:1
VOL
0.3
0.3
V
Input High Voltage
PA0:7, PB5:7, PC0:7, PD5, TCAP/PD7, IRQ/VPP,
RESET, OSC1
VIH
0.7 x VDD
—VDD
V
Input Low Voltage
PA0:7, PB5:7, PC0:7, PD5, TCAP/PD7, IRQ/VPP,
RESET, OSC1
VIL
VSS
0.2 x VDD
V
Supply Current
Run
Wait (A/D Converter On)
Wait (A/D Converter Off)
Stop
25
°C
0
°C to +70 °C (Standard)
–40
°C to +85 °C (Extended)
IDD
1.8
1.0
0.6
2
2.5
1.4
1.0
20
40
50
mA
mA
mA
µA
µA
µA
I/O Ports High-Z Leakage Current
PA0:7, PB5:7, PC0:7, PD5, TCAP/PD7
IIL
——
±10.0
µA
A/D Ports H4i-Z Leakage Current
PC3:7
IOZ
——
±1.0
µA
Input Current
RESET, IRQ/VPP, OSC1, PD7/TCAP
IIN
——
±1.0
µA
Input Pullup Current
PA0:7 (With Pullup Enabled)
IIN
75
175
350
µA
Capaitance
Ports (as Input or Output)
RESET, IRQ/VPP
COUT
CIN
12
8
pF
NOTES:
1.
VDD = 3.3 Vdc ± 0.3 Vdc, VSS = 0 Vdc, TA = –40 °C to +85 °C, unless otherwise noted.
2.
All values shown reflect pre-silicon estimates.
3.
Typical values at midpoint of voltage range, 25
°C only.
4.
Run (Operating) IDD, Wait IDD: To be measured using external square wave clock source (fosc = 4.2 MHz), all inputs
0.2 V from rail; no dc loads, less than 50 pF on all outputs, CL = 20 pF on OSC2.
5.
Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 V, VIH = VDD –0.2 V.
6.
Stop IDD to be measured with OSC1 = VSS.
7.
Wait IDD will be affected linearly by the OSC2 capacitance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com