Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 125 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 121Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 122Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 123Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 124Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 125Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 127Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 134 page
background image
General Release Specification
SIOP Timing
MC68HC705P6A — Rev. 1.0
General Release Specification
Electrical Specifications
14.10 SIOP Timing
Figure 14-1. SIOP Timing Diagram
Number
Characteristic
Symbol
Min
Max
Unit
Operating Frequency
Master
Slave
fop(m)
fop(s)
0.25
dc
0.25
0.25
fop
1
Cycle Time
Master
Slave
tcyc(m)
tcyc(s)
4.0
4.0
4.0
tcyc
2
SCK Low Time
tcyc
932
ns
3
SDO Data Valid Time
tv
200
ns
4
SDO Hold Time
tho
0—
ns
5
SDI Setup Time
ts
100
ns
6
SDI Hold Time
th
100
ns
SDI
BIT 1 ... 6
BIT 7
BIT 0
SDO
BIT 0
BIT 1 ... 6
BIT 7
SCK
t6
t1
t5
t3
t4
t2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com