Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 57Page - STMicroelectronics M58LR128FT Datasheet HTML 58Page - STMicroelectronics M58LR128FT Datasheet HTML 59Page - STMicroelectronics M58LR128FT Datasheet HTML 60Page - STMicroelectronics M58LR128FT Datasheet HTML 61Page - STMicroelectronics M58LR128FT Datasheet HTML 62Page - STMicroelectronics M58LR128FT Datasheet HTML 63Page - STMicroelectronics M58LR128FT Datasheet HTML 64Page - STMicroelectronics M58LR128FT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
61/82
M58LR128FT, M58LR128FB
Table 33. CFI Query System Interface Information
Offset
Data
Description
Value
01Bh
0017h
VDD Logic Supply Minimum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
1.7V
01Ch
0020h
VDD Logic Supply Maximum Program/Erase or Write voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 millivolts
2V
01Dh
0085h
VPP [Programming] Supply Minimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
8.5V
01Eh
0095h
VPP [Programming] Supply Maximum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 millivolts
9.5V
01Fh
0004h
Typical time-out per single byte/word program = 2n µs
16µs
020h
0009h
Typical time-out for Buffer Program = 2n µs
512µs
021h
000Bh
Typical time-out per individual block erase = 2n ms
2s
022h
0000h
Typical time-out for full chip erase = 2n ms
NA
023h
0003h
Maximum time-out for word program = 2n times typical
128µs
024h
0001h
Maximum time-out for Buffer Program = 2n times typical
1024µs
025h
0001h
Maximum time-out per individual block erase = 2n times typical
4s
026h
0000h
Maximum time-out for chip erase = 2n times typical
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com