Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 81 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 81 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 74Page - STMicroelectronics M58LR128FT Datasheet HTML 75Page - STMicroelectronics M58LR128FT Datasheet HTML 76Page - STMicroelectronics M58LR128FT Datasheet HTML 77Page - STMicroelectronics M58LR128FT Datasheet HTML 78Page - STMicroelectronics M58LR128FT Datasheet HTML 79Page - STMicroelectronics M58LR128FT Datasheet HTML 80Page - STMicroelectronics M58LR128FT Datasheet HTML 81Page - STMicroelectronics M58LR128FT Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
81/82
M58LR128FT, M58LR128FB
REVISION HISTORY
Table 45. Document Revision History
Date
Version
Revision Details
07-May-2003
0.1
First Issue
08-Mar-2004
0.2
Clear Status Register Command and Set Configuration Register Command clarified.
Table 15., Program, Erase Times and Endurance Cycles reformatted, and Buffer
Enhanced Factory Program timings added.
In Table 19., DC Characteristics - Currents, IDD1, IDD2, IDD3, IDD4, IDD6 and IDD,
values changed and 16 Word burst values added. VPP1 and VPPLK values modified
in Table 20., DC Characteristics - Voltages.
APPENDIX A., BLOCK ADDRESS TABLES reformatted. In APPENDIX
B., COMMON FLASH INTERFACE, 0 added in front of 2-digit offset values. Data
modified at address offset (P + 1D)h = 127h in Table 37., Burst Read Information.
Figure 29., Buffer Enhanced Factory Program Flowchart and Pseudo Code modified.
APPENDIX D., COMMAND INTERFACE STATE TABLES added.
Document promoted from Target Specification to Preliminary Data status.
10-Sep-2004
0.3
IDD6 values changed in Table 19., DC Characteristics - Currents.
Sub-section Name and Description at address offset 003h modified in Table 32., CFI
Query Identification String.
Figure 24., Program Suspend & Resume Flowchart and Pseudo Code and Figure
26., Erase Suspend & Resume Flowchart and Pseudo Code modified. Write to
Buffer and Program command renamed Buffer Program. Duplicate timings removed
from Figure 12., Synchronous Burst Read AC Waveforms and tKHTX timing line
modified. Table 43., Command Interface States - Lock Table, Next State modified.
Document status promoted from Preliminary Data to full Datasheet.
24-Sep-2004
1.0
Figure 24., Program Suspend & Resume Flowchart and Pseudo Code, Figure
25., Block Erase Flowchart and Pseudo Code and Figure 26., Erase Suspend &
Resume Flowchart and Pseudo Code modified. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com