Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 13Page - STMicroelectronics M58LR128FT Datasheet HTML 14Page - STMicroelectronics M58LR128FT Datasheet HTML 15Page - STMicroelectronics M58LR128FT Datasheet HTML 16Page - STMicroelectronics M58LR128FT Datasheet HTML 17Page - STMicroelectronics M58LR128FT Datasheet HTML 18Page - STMicroelectronics M58LR128FT Datasheet HTML 19Page - STMicroelectronics M58LR128FT Datasheet HTML 20Page - STMicroelectronics M58LR128FT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
17/82
M58LR128FT, M58LR128FB
A0 = CR0, A1 = CR1, …, A15 = CR15. Addresses
A16- A22 are ignored.
Once the Set Configuration Register command
has been issued, read operations will output the
array contents.
The Read Electronic Signature command is re-
quired to read the updated contents of the Config-
uration Register.
Block Lock Command
The Block Lock command is used to lock a block
and prevent program or erase operations from
changing the data in it. All blocks are locked after
power-up or reset.
Two Bus Write cycles are required to issue the
Block Lock command.
■
The first bus cycle sets up the Block Lock
command.
■
The second Bus Write cycle latches the block
address and locks the block.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table 14. shows the Lock Status after issuing a
Block Lock command.
Once set, the Block Lock bits remain set until a
hardware reset or power-down/power-up. They
are cleared by a Block Unlock command.
Refer to the section, Block Locking, for a detailed
explanation.
See
APPENDIX
C.,
Figure
27., Locking Operations Flowchart and Pseudo
Code, for a flowchart for using the Lock command.
Block Unlock Command
The Block Unlock command is used to unlock a
block, allowing the block to be programmed or
erased.
Two Bus Write cycles are required to issue the
Block Unlock command.
■
The first bus cycle sets up the Block Unlock
command.
■
The second Bus Write cycle latches the block
address and unlocks the block.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table 14. shows the protection status after issuing
a Block Unlock command.
Refer to the section, Block Locking, for a detailed
explanation
and
APPENDIX
C.,
Figure
27., Locking Operations Flowchart and Pseudo
Code, for a flowchart for using the Block Unlock
command.
Block Lock-Down Command
The Block Lock-Down command is used to lock-
down a locked or unlocked block.
A locked-down block cannot be programmed or
erased. The lock status of a locked-down block
cannot be changed when WP is low, VIL. When
WP is high, VIH, the lock-down function is disabled
and the locked blocks can be individually unlocked
by the Block Unlock command.
Two Bus Write cycles are required to issue the
Block Lock-Down command.
■
The first bus cycle sets up the Block Lock-
Down command.
■
The second Bus Write cycle latches the block
address and locks-down the block.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Locked-Down blocks revert to the locked (and not
locked-down) state when the device is reset on
power-down. Table 14. shows the Lock Status af-
ter issuing a Block Lock-Down command.
Refer to the section, Block Locking, for a detailed
explanation
and
APPENDIX
C.,
Figure
27., Locking Operations Flowchart and Pseudo
Code, for a flowchart for using the Lock-Down
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com