Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 23Page - STMicroelectronics M58LR128FT Datasheet HTML 24Page - STMicroelectronics M58LR128FT Datasheet HTML 25Page - STMicroelectronics M58LR128FT Datasheet HTML 26Page - STMicroelectronics M58LR128FT Datasheet HTML 27Page - STMicroelectronics M58LR128FT Datasheet HTML 28Page - STMicroelectronics M58LR128FT Datasheet HTML 29Page - STMicroelectronics M58LR128FT Datasheet HTML 30Page - STMicroelectronics M58LR128FT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
27/82
M58LR128FT, M58LR128FB
Table 10. Configuration Register
Bit
Description
Value
Description
CR15
Read Select
0
Synchronous Read
1
Asynchronous Read (Default at power-on)
CR14
Reserved
CR13-CR11
X-Latency
010
2 clock latency
011
3 clock latency
100
4 clock latency
101
5 clock latency
111
Reserved (default)
Other configurations reserved
CR10
Wait Polarity
0
WAIT is active Low
1
WAIT is active high (default)
CR9
Data Output
Configuration
0
Data held for one clock cycle
1
Data held for two clock cycles (default)
CR8
Wait Configuration
0
WAIT is active during wait state
1
WAIT is active one data cycle before wait state (default)
CR7
Burst Type
0
Reserved
1
Sequential (default)
CR6
Valid Clock Edge
0
Falling Clock edge
1
Rising Clock edge (default)
CR5-CR4
Reserved
CR3
Wrap Burst
0Wrap
1
No Wrap (default)
CR2-CR0
Burst Length
001
4 Words
010
8 Words
011
16 Words
111
Continuous (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com