Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 76 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 76 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 72Page - STMicroelectronics M58LR128FT Datasheet HTML 73Page - STMicroelectronics M58LR128FT Datasheet HTML 74Page - STMicroelectronics M58LR128FT Datasheet HTML 75Page - STMicroelectronics M58LR128FT Datasheet HTML 76Page - STMicroelectronics M58LR128FT Datasheet HTML 77Page - STMicroelectronics M58LR128FT Datasheet HTML 78Page - STMicroelectronics M58LR128FT Datasheet HTML 79Page - STMicroelectronics M58LR128FT Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
M58LR128FT, M58LR128FB
76/82
APPENDIX D. COMMAND INTERFACE STATE TABLES
Table 41. Command Interface States - Modify Table, Next State
Current CI State
Command Input
Read
Array(2)
(FFh)
Program
Setup
(3,4)
(10/40h)
Buffer
Program
(3,4)
(E8h)
Block
Erase,
Setup
(3,4)
(20h)
BEFP
Setup
(80h)
Erase Confirm
P/E Resume,
Block Unlock
confirm,
BEFP Confirm
(3,4)
(D0h)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
status
Register
(5)
(50h)
Read
Electronic
Signature,
Read CFI
Query
(90h, 98h)
Ready
Ready
Program
Setup
Buffer
Program
Setup
Erase
Setup
BEFP
Setup
Ready
Lock/CR Setup
Ready (Lock Error)
Ready
(unlock block)
Ready (Lock Error)
OTP
Setup
OTP Busy
Busy
Program
Setup
Program Busy
Busy
Program Busy
Program
Suspend
Program Busy
Suspend
Program Suspend
Program Busy
Program Suspend
Buffer
Program
Setup
Buffer Program Load 1 (give word count load (N-1));
Buffer
Load 1
if N=0 go to Buffer Program Confirm. Else (N not =0) go to Buffer Program Load 2 (data load)
Buffer
Load 2
Buffer Program Confirm when count =0; Else Buffer Program Load 2
(note: Buffer Program will fail at this point if any block address is different from the first address)
Confirm
Ready (error)
Buffer Program
Busy
Ready (error)
Busy
Buffer Program Busy
Buffer
Program
Suspend
Buffer Program Busy
Suspend
Buffer Program Suspend
Buffer Program
Busy
Buffer Program Suspend
Erase
Setup
Ready (error)
Erase Busy
Ready (error)
Busy
Erase Busy
Erase
Suspend
Erase Busy
Suspend
Erase
Suspend
Program
in Erase
Suspend
Buffer
Program
Setup in
Erase
Suspend
Erase Suspend
Erase Busy
Erase Suspend
Program
in Erase
Suspend
Setup
Program Busy in Erase Suspend
Busy
Program Busy in Erase Suspend
Program
Suspend in
Erase
Suspend
Program Busy in Erase Suspend
Suspend
Program Suspend in Erase Suspend
Program Busy
in Erase
Suspend
Program Suspend in Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com