Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 42Page - STMicroelectronics M58LR128FT Datasheet HTML 43Page - STMicroelectronics M58LR128FT Datasheet HTML 44Page - STMicroelectronics M58LR128FT Datasheet HTML 45Page - STMicroelectronics M58LR128FT Datasheet HTML 46Page - STMicroelectronics M58LR128FT Datasheet HTML 47Page - STMicroelectronics M58LR128FT Datasheet HTML 48Page - STMicroelectronics M58LR128FT Datasheet HTML 49Page - STMicroelectronics M58LR128FT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
M58LR128FT, M58LR128FB
46/82
Figure 15. Clock input AC Waveform
Table 22. Synchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. For other timings please refer to Table 21., Asynchronous Read AC Characteristics.
Symbol
Alt
Parameter
M58LR128FT/B
Unit
85
95
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
9
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
9
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
17
ns
tEHEL
Chip Enable Pulse Width (subsequent
synchronous reads)
Min
14
17
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
17
20
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
7
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
14
17
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
4
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
7
9
ns
tKHKH
tCLK
Clock Period (f=40MHz)
Min
25
ns
Clock Period (f=47MHz)
Min
Clock Period (f=54MHz)
Min
18.5
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
3.5
5
ns
tf
tr
Clock Fall or Rise Time
Max
3
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com