Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 35Page - STMicroelectronics M58LR128FT Datasheet HTML 36Page - STMicroelectronics M58LR128FT Datasheet HTML 37Page - STMicroelectronics M58LR128FT Datasheet HTML 38Page - STMicroelectronics M58LR128FT Datasheet HTML 39Page - STMicroelectronics M58LR128FT Datasheet HTML 40Page - STMicroelectronics M58LR128FT Datasheet HTML 41Page - STMicroelectronics M58LR128FT Datasheet HTML 42Page - STMicroelectronics M58LR128FT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
39/82
M58LR128FT, M58LR128FB
Table 20. DC Characteristics - Voltages
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIL
Input Low Voltage
–0.5
0.4
V
VIH
Input High Voltage
VDDQ –0.4
VDDQ + 0.4
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage
IOH = –100µA
VDDQ –0.1
V
VPP1
VPP Program Voltage-Logic
Program, Erase
1.1
1.8
3.3
V
VPPH
VPP Program Voltage Factory
Program, Erase
8.5
9.0
12.6
V
VPPLK
Program or Erase Lockout
0.4
V
VLKO
VDD Lock Voltage
1V
VRPH
RP pin Extended High Voltage
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com