Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF4252BCP Datasheet HTML 1Page - Analog Devices ADF4252BCP Datasheet HTML 2Page - Analog Devices ADF4252BCP Datasheet HTML 3Page - Analog Devices ADF4252BCP Datasheet HTML 4Page - Analog Devices ADF4252BCP Datasheet HTML 5Page - Analog Devices ADF4252BCP Datasheet HTML 6Page - Analog Devices ADF4252BCP Datasheet HTML 7Page - Analog Devices ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. B
ADF4252
–5–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CPRF
RF Charge Pump Output. This is normally connected to a loop filter that drives the input to an external VCO.
CPGND1
RF Charge Pump Ground.
RFINA
Input to the RF Prescaler. This small signal input is normally taken from the VCO.
RFINBComplementary Input to the RF Prescaler.
AGND1Analog Ground for the RF Synthesizer.
MUXOUT
This multiplexer output allows either the RF or IF lock detect, the scaled RF or IF, or the scaled reference fre-
quency to be accessed externally.
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of
100 k
Ω. This input can be driven from a TTL or CMOS crystal oscillator.
REFOUT
Reference Output.
DGND
Digital Ground for the Fractional Interpolator.
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
shift register on the CLK rising edge. This input is a high impedance CMOS input.
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs being the control bits. This input is a
high impedance CMOS input.
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
seven latches, the latch being selected using the control bits.
RSET
Connecting a resistor between this pin and ground sets the minimum charge pump output current. The relationship
between ICP and RSET is
I
R
CP
SET
min =
1 6875
.
Therefore, with RSET = 2.7 k
Ω, ICPmin = 0.625 mA.
AGND2Ground for the IF Synthesizer.
IFINBComplementary Input to the IF Prescaler.
IFINA
Input to the IF Prescaler. This small signal input is normally taken from the IF VCO.
DVDD
Positive Power Supply for the Fractional Interpolator Section. Decoupling capacitors to the ground plane should
be placed as close as possible to this pin. DVDD must have the same voltage as VDD1, VDD2, and VDD3.
CPGND2IF Charge Pump Ground.
CPIF
IF Charge Pump Output. This is normally connected to a loop filter that drives the input to an external VCO.
VP2IF Charge Pump Power Supply. Decoupling capacitors to the ground plane should be placed as close as possible
to this pin. This voltage should be greater than or equal to VDD2.
VDD2Positive Power Supply for the IF Section. Decoupling capacitors to the ground plane should be placed as close as
possible to this pin. VDD2 has a value 3 V
± 10%. VDD2 must have the same voltage as VDD1, VDD3, and DVDD.
VDD3
Positive Power Supply for the RF Digital Section. Decoupling capacitors to the ground plane should be placed as close
as possible to this pin. VDD3 has a value 3 V
± 10%. V
DD3 must have the same voltage as VDD1, VDD2, and DVDD.
VDD1
Positive Power Supply for the RF Analog Section. Decoupling capacitors to the ground plane should be placed as close
as possible to this pin. VDD1 has a value 3 V
± 10%. VDD1 must have the same voltage as VDD2, VDD3, and DVDD.
VP1
RF Charge Pump Power Supply. Decoupling capacitors to the ground plane should be placed as close as possible
to this pin. This voltage should be greater than or equal to VDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com