Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 1 Page - Analog Devices

  ADF4252BCP Datasheet HTML 1Page - Analog Devices ADF4252BCP Datasheet HTML 2Page - Analog Devices ADF4252BCP Datasheet HTML 3Page - Analog Devices ADF4252BCP Datasheet HTML 4Page - Analog Devices ADF4252BCP Datasheet HTML 5Page - Analog Devices ADF4252BCP Datasheet HTML 6Page - Analog Devices ADF4252BCP Datasheet HTML 7Page - Analog Devices ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. B
a
ADF4252
Dual Fractional-N/Integer-N
Frequency Synthesizer
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
3.0 GHz Fractional-N/1.2 GHz Integer-N
2.7 V to 3.3 V Power Supply
Separate VP Allows Extended Tuning Voltage to 5 V
Programmable Dual Modulus Prescaler
RF: 4/5, 8/9
IF: 8/9, 16/17, 32/33, 64/65
Programmable Charge Pump Currents
3-Wire Serial Interface
Digital Lock Detect
Power-Down Mode
Programmable Modulus on Fractional-N Synthesizer
Trade-Off Noise versus Spurious Performance
APPLICATIONS
Base Stations for Mobile Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Wireless LANs
Communications Test Equipment
CATV Equipment
FUNCTIONAL BLOCK DIAGRAM
ADF4252
2
DOUBLER
OUTPUT
MUX
4-BIT R
COUNTER
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
REFERENCE
REFIN
REFOUT
VDD1
VDD2
VDD3
DVDD
VP1
VP2
RSET
24-BIT
DATA
REGISTER
CLK
DATA
LE
RFINA
RFINB
CPRF
CPIF
2
DOUBLER
15-BIT R
COUNTER
CHARGE
PUMP
PHASE
FREQUENCY
DETECTOR
MUXOUT
AGND1 AGND2
DGND
CPGND1
CPGND2
IFINB
IFINA
FRACTIONAL N
RF DIVIDER
INTEGER N
IF DIVIDER
GENERAL DESCRIPTION
The ADF4252 is a dual fractional-N/integer-N frequency
synthesizer that can be used to implement local oscillators
(LO) in the upconversion and downconversion sections of
wireless receivers and transmitters. Both the RF and IF syn-
thesizers consist of a low noise digital PFD (phase frequency
detector), a precision charge pump, and a programmable refer-
ence divider. The RF synthesizer has a - -based fractional
interpolator that allows programmable fractional-N division.
The IF synthesizer has programmable integer-N counters. A
complete PLL (phase-locked loop) can be implemented if the
synthesizer is used with an external loop filter and VCO (volt-
age controlled oscillator).
Control of all the on-chip registers is via a simple 3-wire inter-
face. The devices operate with a power supply ranging from
2.7 V to 3.3 V and can be powered down when not in use.


Similar Part No. - ADF4252BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4252BCPZ AD-ADF4252BCPZ Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-R7 AD-ADF4252BCPZ-R7 Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
ADF4252BCPZ-RL AD-ADF4252BCPZ-RL Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4252BCP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV.0
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com