Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4252BCP Datasheet HTML 3Page - Analog Devices ADF4252BCP Datasheet HTML 4Page - Analog Devices ADF4252BCP Datasheet HTML 5Page - Analog Devices ADF4252BCP Datasheet HTML 6Page - Analog Devices ADF4252BCP Datasheet HTML 7Page - Analog Devices ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices ADF4252BCP Datasheet HTML 10Page - Analog Devices ADF4252BCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. B
Typical Performance Characteristics–ADF4252
–7–
TPC plots 1 to 12 attained using EVAL-ADF4252EB1;
measurements from HP8562E spectrum analyzer.
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
– 99.19dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 1. Phase Noise Plot, Lowest Noise Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–90.36dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 2. Phase Noise Plot, Low Noise and Spur
Mode, 1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–85.86dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
TPC 3. Phase Noise Plot, Lowest Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
–50dBc@
100kHz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
TPC 4. Spurious Plot, Lowest Noise Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–51dBc@
100kHz
TPC 5. Spurious Plot, Low Noise and Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–72dBc@
100kHz
TPC 6. Spurious Plot, Lowest Spur Mode,
1.7518 GHz RFOUT, 10 MHz PFD Frequency,
200 kHz Channel Step Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com