Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4252BCP Datasheet HTML 5Page - Analog Devices ADF4252BCP Datasheet HTML 6Page - Analog Devices ADF4252BCP Datasheet HTML 7Page - Analog Devices ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices ADF4252BCP Datasheet HTML 10Page - Analog Devices ADF4252BCP Datasheet HTML 11Page - Analog Devices ADF4252BCP Datasheet HTML 12Page - Analog Devices ADF4252BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
ADF4252
–9–
*Across all fractional channel steps from f = 0/130 to f = 129/130.
RFOUT = 1.45 GHz, Int Reg = 55, Ref = 26 MHz, and LBW = 40 kHz. Plots attained using EVAL-ADF4252EB2 evaluation board.
FREQUENCY (GHz)
–70
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–75
–90
–105
–110
–115
–80
–85
–95
–100
LOWEST SPUR MODE
LOW NOISE AND SPUR MODE
LOWEST NOISE MODE
TPC 13. In-Band Phase Noise vs. Frequency*
FREQUENCY (GHz)
–10
–110
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–20
–50
–80
–90
–100
–30
–40
–60
–70
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 14. 100 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 15. 200 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 16. 400 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 17. 600 kHz Spur vs. Frequency*
FREQUENCY (GHz)
–20
–120
1.430
1.460
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
TPC 18. 3 MHz Spur vs. Frequency*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com