Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 2 Page - Analog Devices

  ADF4252BCP Datasheet HTML 1Page - Analog Devices ADF4252BCP Datasheet HTML 2Page - Analog Devices ADF4252BCP Datasheet HTML 3Page - Analog Devices ADF4252BCP Datasheet HTML 4Page - Analog Devices ADF4252BCP Datasheet HTML 5Page - Analog Devices ADF4252BCP Datasheet HTML 6Page - Analog Devices ADF4252BCP Datasheet HTML 7Page - Analog Devices ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. B
–2–
ADF4252–SPECIFICATIONS1
(VDD1 = VDD2 = VDD3 = DVDD = 3 V
10%, DVDD < VP1, VP2 < 5.5 V, GND = 0 V,
RSET = 2.7 k , dBm referred to 50
, TA = TMIN to TMAX, unless otherwise noted.)
Parameter
B Version
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFINA, RFINB)
2
0.25/3.0
GHz min/max
RF Input Sensitivity
–10/0
dBm min/max
RF Input Frequency (RFINA, RFINB)
2
0.1/3.0
GHz min/max
Input Level = –8/0 dBm min/max
RF Phase Detector Frequency
30
MHz max
Guaranteed by Design
Allowable Prescaler Output Frequency
375
MHz max
IF CHARACTERISTICS
IF Input Frequency (IFINA, IFINB)
2
50/1200
MHz min/max
IF Input Sensitivity
–10/0
dBm min/max
IF Phase Detector Frequency
55
MHz max
Guaranteed by Design
Allowable Prescaler Output Frequency
150
MHz max
REFERENCE CHARACTERISTICS
REFIN Input Frequency
250
MHz max
For f < 10 MHz, use dc-coupled square
wave (0 to VDD).
REFIN Input Sensitivity
0.5/VDD1V p-p min/max
AC-coupled. When dc-coupled, use
0 to VDD max (CMOS compatible).
REFIN Input Current
±100
µA max
REFIN Input Capacitance
10
pF max
CHARGE PUMP
RF ICP Sink/Source
High Value
4.375
mA typ
See Table V
Low Value
625
µA typ
IF ICP Sink/Source
High Value
5
mA typ
See Table IX
Low Value
625
µA typ
ICP Three-State Leakage Current
1
nA typ
RF Sink and Source Current Matching
2
% typ
0.5 V < VCP < VP – 0.5
RSET Range
1.5/1.6
k
typ
See Table V
IF Sink and Source Current Matching
2
% typ
ICP vs. VCP
2% typ
0.5 V < VCP < VP – 0.5
ICP vs. Temperature
2
% typ
VCP = VP /2
LOGIC INPUTS
VINH, Input High Voltage
1.35
V min
VINL, Input Low Voltage
0.6
V max
IINH/IINL, Input Current
±1
µA max
CIN Input Capacitance
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
V min
IOH = 0.2 mA
VOL, Output Low Voltage
0.4
V max
IOL = 0.2 mA
POWER SUPPLIES
VDD1, VDD2, VDD3
2.7/3.3
V min/V max
DVDD
VDD1
VP1, VP2VDD1/5.5
V min/V max
IDD
3
RF + IF
13
mA typ
16 mA max
RF Only
10
mA typ
13 mA max
IF Only
4
mA typ
5.5 mA max
Power-Down Mode
1
µA typ
RF NOISE AND SPURIOUS CHARACTERISTICS
Noise Floor
–141
dBc/Hz typ
@ 20 MHz PFD Frequency
In-Band Phase Noise Performance
4
@ VCO Output
Lowest Spur Mode
–90
dBc/Hz typ
RFOUT = 1.8 GHz, PFD = 20 MHz
Low Noise and Spur Mode
–95
dBc/Hz typ
RFOUT = 1.8 GHz, PFD = 20 MHz
Lowest Noise Mode
–103
dBc/Hz typ
RFOUT = 1.8 GHz, PFD = 20 MHz
Spurious Signals
See Typical Performance Characteristics
NOTES
1Operating Temperature Range (B Version): –40
°C to +85°C.
2Use a square wave for frequencies less than f
MIN.
3RF = 1 GHz, RF PFD = 10 MHz, MOD = 4095, IF = 500 MHz, IF PFD = 200 kHz, REF = 10 MHz, V
DD = 3 V, VP1 = 5 V, and VP2 = 3 V.
4The in-band phase noise is measured with the EVAL-ADF4252EB2 evaluation board and the HP5500E phase noise test system. The spectrum analyzer provides the
REFIN for the synthesizer (fREFOUT = 10 MHz @ 0 dBm). fOUT = 1.74 GHz, fREF = 20 MHz, N = 87, Mod = 100, Channel Spacing = 200 kHz, VDD = 3.3 V, and VP = 5 V.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com