Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 26 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF4252BCP Datasheet HTML 20Page - Analog Devices ADF4252BCP Datasheet HTML 21Page - Analog Devices ADF4252BCP Datasheet HTML 22Page - Analog Devices ADF4252BCP Datasheet HTML 23Page - Analog Devices ADF4252BCP Datasheet HTML 24Page - Analog Devices ADF4252BCP Datasheet HTML 25Page - Analog Devices ADF4252BCP Datasheet HTML 26Page - Analog Devices ADF4252BCP Datasheet HTML 27Page - Analog Devices ADF4252BCP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REV. B
–26–
ADF4252
IFOUT
J6
C15
100pF
R12
18
R13
18
C16
100pF
VCO2
RFOUT
VCC
VIN
10
14
2
C4
10pF
C3
22 F
6.3V
R48
0
VVCO
R17
13k
C20
82pF
C19
2.2nF
C18
270pF
R16
7.5k
R15
51
C17
100pF
R14
18
C10
10pF
C9
22 F
6.3V
R44
0
VP
C6
10pF
C5
22 F
6.3V
C8
10pF
C7
22 F
6.3V
VP2
CPIF
IFINA
R43
0
R1
20
VDD’
VDD
RFOUT
J7
C27
100pF
R22
18
R21
18
C26
100pF
VCO1
RFOUT
VCC
VIN
10
14
2
C30
10pF
C29
22 F
6.3V
R49
0
VVCO
R20
470
C25
3.3nF
C24
100nF
C23
10nF
R19
270
R24
51
C28
100pF
R23
18
C12
10pF
C11
22 F
6.3V
VP
VP1
CPRF
RFINA
C44
100pF
CPGND1
RFINB
AGND1
DGND
AGND2
CPGND2
MUXOUT
R27
10k
T16
R28
10k
R29
10k
D4
VDD
CLK
C43
100pF
R27
2.7k
DATA
LE
T14
R39
0
R26
1k
R4
1M
R11
51
Y2
10MHz
C31
33pF
C32
33pF
C14
1nF
C13
1nF
REFIN
J5
T13
R47
0
Y3
B+
O/P
4
3
2
GND
C45
10pF
C46
22 F
R46
0
R45
0
3V
5V
U1
ADF4252BCP
REFOUT
J8
R38
0
U6
1
2
4
VCC
R35
0
R34
0
5V
3V
VCO190–540T
VCO190–1730T
Figure 10. Typical PLL Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com