Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCP Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4252BCP
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4252BCP Datasheet HTML 8Page - Analog Devices ADF4252BCP Datasheet HTML 9Page - Analog Devices ADF4252BCP Datasheet HTML 10Page - Analog Devices ADF4252BCP Datasheet HTML 11Page - Analog Devices ADF4252BCP Datasheet HTML 12Page - Analog Devices ADF4252BCP Datasheet HTML 13Page - Analog Devices ADF4252BCP Datasheet HTML 14Page - Analog Devices ADF4252BCP Datasheet HTML 15Page - Analog Devices ADF4252BCP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
REV. B
–12–
ADF4252
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 6 is a simplified schematic. The
antibacklash pulse. This pulse ensures that there is no dead zone
in the PFD transfer function and minimizes phase noise and
reference spurs.
+IN
D1
Q1
CLR1
U1
U3
DELAY
ELEMENT
HI
UP
D2
Q2
CLR2
U2
HI
DOWN
CHARGE
PUMP
CP
–IN
Figure 6. PFD Simplified Schematic
MUXOUT and Lock Detect
The output multiplexer on the ADF4252 allows the user to
access various internal points on the chip. The state of MUXOUT
is controlled by M4, M3, M2, and M1 in the master register.
Table I shows the full truth table. Figure 7 shows the MUXOUT
section in block diagram format.
LOGIC LOW
IF ANALOG LOCK DETECT
IF R DIVIDER OUTPUT
IF N DIVIDER OUTPUT
RF ANALOG LOCK DETECT
IF/RF ANALOG LOCK DETECT
IF DIGITAL LOCK DETECT
LOGIC HIGH
RF R DIVIDER OUTPUT
RF N DIVIDER OUTPUT
THREE STATE OUTPUT
RF DIGITAL LOCK DETECT
RF/IF DIGITAL LOCK DETECT
LOGIC HIGH
LOGIC LOW
MUX
CONTROL
MUXOUT
DVDD
DGND
Figure 7. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect: digital
and analog. Digital is active high. The N-channel open-drain
analog lock detect should be operated with an external pull-up
resistor of 10 k
Ω nominal. When lock has been detected, this
output will be high with narrow low going pulses.
Input Shift Register
Data is clocked in on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the input register
to one of seven latches on the rising edge of LE. The destination
latch is determined by the state of the three control bits (C2, C1,
and C0) in the shift register. These are the three LSBs: DB2,
DB1, and DB0, as shown in Figure 1. The truth table for these
bits is shown in Table I. Table II summarizes how the registers
are programmed.
Table I. Control Bit Truth Table
C2
C1
C0
Data Latch
000
RF N Divider Reg
001
RF R Divider Reg
010
RF Control Reg
011
Master Reg
100
IF N Divider Reg
101
IF R Divider Reg
110
IF Control Reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com