Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 81Page - STMicroelectronics STM32H7B0AB Datasheet HTML 82Page - STMicroelectronics STM32H7B0AB Datasheet HTML 83Page - STMicroelectronics STM32H7B0AB Datasheet HTML 84Page - STMicroelectronics STM32H7B0AB Datasheet HTML 85Page - STMicroelectronics STM32H7B0AB Datasheet HTML 86Page - STMicroelectronics STM32H7B0AB Datasheet HTML 87Page - STMicroelectronics STM32H7B0AB Datasheet HTML 88Page - STMicroelectronics STM32H7B0AB Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 205 page
background image
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
AHB2
DCMI
µA/MHz
5.00
4.60
4.20
3.90
HSEM
0.10
0.10
0.10
0.10
RNG registers
1.50
1.40
1.20
1.10
RNG kernel
10.00
9.70
9.50
9.20
SDMMC2 registers
6.80
6.30
5.70
5.20
SDMMC2 kernel
2.30
2.10
1.90
1.70
BDMA1
1.70
1.60
1.50
1.30
AHBSRAM1
0.70
0.70
0.60
0.60
AHBSRAM2
0.70
0.60
0.60
0.50
Bridge
9.10
8.40
7.70
7.00
AHB4
GPIOA
2.00
1.80
1.70
1.50
GPIOB
1.80
1.70
1.50
1.40
GPIOC
2.00
1.80
1.70
1.50
GPIOD
2.00
1.80
1.70
1.50
GPIOE
1.90
1.80
1.60
1.50
GPIOF
1.90
1.80
1.60
1.50
GPIOG
2.00
1.80
1.70
1.50
GPIOH
1.90
1.80
1.60
1.50
GPIOI
1.90
1.80
1.60
1.50
GPIOJ
1.90
1.80
1.60
1.50
GPIOK
2.00
1.80
1.70
1.50
BDMA2
4.20
3.90
3.50
3.20
SRDSRAM
0.60
0.50
0.50
0.50
BKPRAM
0.80
0.70
0.70
0.60
IWDG
0.07
0.07
0.07
0.07
Bridge
0.10
0.10
0.10
0.10
APB3
LTDC
12.00
11.00
9.80
8.90
WWDG1
1.10
1.00
0.90
0.90
Bridge
0.10
0.10
0.10
0.10
APB1
TIM2
7.50
6.90
6.30
6.20
TIM3
6.30
5.90
5.40
4.90
TIM4
5.80
5.40
4.90
4.50
TIM5
7.20
6.70
6.10
5.60
TIM6
1.60
1.50
1.30
1.20
TIM7
1.60
1.40
1.30
1.20
TIM12
3.60
3.30
3.00
2.80
TIM13
2.80
2.60
2.40
2.10
TIM14
2.50
2.30
2.10
1.90
LPTIM1 registers
0.80
0.80
0.70
0.60
LPTIM1 kernel
2.20
2.00
1.80
1.70
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 85/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com