Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 89Page - STMicroelectronics STM32H7B0AB Datasheet HTML 90Page - STMicroelectronics STM32H7B0AB Datasheet HTML 91Page - STMicroelectronics STM32H7B0AB Datasheet HTML 92Page - STMicroelectronics STM32H7B0AB Datasheet HTML 93Page - STMicroelectronics STM32H7B0AB Datasheet HTML 94Page - STMicroelectronics STM32H7B0AB Datasheet HTML 95Page - STMicroelectronics STM32H7B0AB Datasheet HTML 96Page - STMicroelectronics STM32H7B0AB Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 205 page
background image
Symbol
Parameter
Operating conditions(1)
Min(2)
Typ(2)
Max(2)
Unit
Gmcritmax
Maximum critical crystal gm
Medium high drive capability
µA/V
LSEDRV[1:0] = 11,
High drive capability
-
-
2.7
tSU(3)
Startup time
VDD is stabilized
-
2
-
s
1. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST
microcontrollers.
2. Guaranteed by design.
3. tSU is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768k Hz oscillation is reached. This value is
measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
Figure 24. Typical application with a 32.768 kHz crystal
STM32
OSC32_OUT
fHSE
CL1
RF
32.768 kHz
resonator
Bias
controlled
gain
OSC32_IN
CL2
Resonator with
integrated capacitors
1.
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden to add one.
6.3.10
Internal clock source characteristics
The parameters given in Table 49. HSI48 oscillator characteristics to Table 52. LSI oscillator characteristics
are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in
Table 20. General operating conditions.
48 MHz high-speed internal RC oscillator (HSI48)
Table 49. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency
VDD = 3.3 V, TJ = 30 °C 47.5(1)
48
48.5(1) MHz
TRIM(2)
User trimming step
-
-
0.175 0.250
%
USER TRIM COVERAGE(3)
User trimming coverage
± 32 steps
±4,70
±5.6
-
%
DuCy(HSI48)(2)
Duty cycle
-
45
-
55
%
ACCHSI48_REL(3)
Accuracy of the HSI48 oscillator over temperature
(reference is 30 °C)
TJ = −40 to 130 °C
−4.5
-
4
%
ΔVDD(HSI48)(2)
HSI48 oscillator frequency drift with VDD (reference is
3.3 V)
VDD = 3 to 3.6 V
-
0.025
0.05
%
VDD = 1.62 to 3.6 V
-
0.05
0.1
tsu(HSI48)(2)
HSI48 oscillator startup time
-
-
2.1
4.0
µs
IDD(HSI48)(2)
HSI48 oscillator power consumption
-
-
350
400
µA
NT jitter(2)
Next transition jitter accumulated jitter on 28 cycles
-
-
± 0.15
-
ns
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 93/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com