Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 13Page - STMicroelectronics STM32H7B0AB Datasheet HTML 14Page - STMicroelectronics STM32H7B0AB Datasheet HTML 15Page - STMicroelectronics STM32H7B0AB Datasheet HTML 16Page - STMicroelectronics STM32H7B0AB Datasheet HTML 17Page - STMicroelectronics STM32H7B0AB Datasheet HTML 18Page - STMicroelectronics STM32H7B0AB Datasheet HTML 19Page - STMicroelectronics STM32H7B0AB Datasheet HTML 20Page - STMicroelectronics STM32H7B0AB Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 205 page
background image
3.7.2
System reset sources
Power-on reset initializes all registers while system reset reinitializes the system except for the debug, part of the
RCC and power controller status registers, as well as the backup power domain.
A system reset is generated in the following cases:
•
Power-on reset (pwr_por_rst)
•
Brownout reset
•
Low level on NRST pin (external reset)
•
Window watchdog
•
Independent watchdog
•
Software reset
•
Low-power mode security reset
•
Exit from Standby
3.8
General-purpose input/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain, with or without pull-up
or pull-down), as input (floating, with or without pull-up or pull-down) or as peripheral alternate function. Most of
the GPIO pins are shared with digital or analog alternate functions. All GPIOs are high-current-capable and have
speed selection to better manage internal noise, power consumption and electromagnetic emission.
After reset, all GPIOs are in Analog mode to reduce power consumption.
The I/O configuration can be locked if needed by following a specific sequence in order to avoid spurious writing
to the I/Os registers.
To maximize the performance, the I/O high-speed feature, HSLV, must be activated at low device supply voltage.
This is needed to achieve the performance required for peripherals such as the SDMMC, FMC and OCTOSPI.
The GPIOs are divided into four groups which can be optimized separately (refer to the description of HSLVx bits
of SYSCFG_CCCSR register in RM0455).
The I/O high-speed feature must be used only when VDD is lower than 2.7 V, and both the HSLV user option bits
(VDDIO_HSLV and VDDMMC_HSLV) and HSLVx bits must be set to enable it (refer to RM0455 for details).
STM32H7B0xB
General-purpose input/outputs (GPIOs)
DS13196 - Rev 7
page 17/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com