Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 12Page - STMicroelectronics STM32H7B0AB Datasheet HTML 13Page - STMicroelectronics STM32H7B0AB Datasheet HTML 14Page - STMicroelectronics STM32H7B0AB Datasheet HTML 15Page - STMicroelectronics STM32H7B0AB Datasheet HTML 16Page - STMicroelectronics STM32H7B0AB Datasheet HTML 17Page - STMicroelectronics STM32H7B0AB Datasheet HTML 18Page - STMicroelectronics STM32H7B0AB Datasheet HTML 19Page - STMicroelectronics STM32H7B0AB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 205 page
background image
CSleep and CStop low-power modes are entered by the MCU when executing the WFI (Wait for Interrupt) or WFE
(Wait for Event) instructions, or when the SLEEPONEXIT bit of the Cortex®-M7 core is set after returning from an
interrupt service routine.
The CPU domain can enter low-power mode (DStop or DStop2) when the processor, its subsystem and the
peripherals allocated in the domain enter low-power mode.
If part of the domain is not in low-power mode, the domain remains in the current mode.
Finally the system can enter Stop or Standby when all EXTI wakeup sources are cleared and the power domains
are in DStop or DStop2 mode.
Table 2. System vs domain low-power mode
System power mode
CD domain power mode
SRD domain power mode
Run
DRun/DStop/DStop2
DRun
Stop
DStop/DStop2
DStop
Standby
Standby
Standby
Some GPIO pins can be used to monitor CPU and domain power states:
Table 3. Overview of low-power mode monitoring pins
Power state monitoring pins
Description
PWR_CSLEEP
CPU clock OFF
PWR_CSTOP
CPU domain in low-power mode
PWR_NDSTOP2
CPU domain retention mode selection
3.7
Reset and clock controller (RCC)
The clock and reset controller is located in the SRD domain. The RCC manages the generation of all the clocks,
as well as the clock gating and the control of the system and peripheral resets. It provides a high flexibility in the
choice of clock sources and allows to apply clock ratios to improve the power consumption. In addition, on some
communication peripherals that are capable to work with two different clock domains (either a bus interface clock
or a kernel peripheral clock), the system frequency can be changed without modifying the baud rate.
3.7.1
Clock management
The devices embed four internal oscillators, two oscillators with external crystal or resonator, two internal
oscillators with fast startup time and three PLLs.
The RCC receives the following clock source inputs:
•
Internal oscillators:
–
64 MHz HSI clock (1% accuracy)
–
48 MHz RC oscillator
–
4 MHz CSI clock
–
32 kHz LSI clock
•
External oscillators:
–
4-50 MHz HSE clock
–
32.768 kHz LSE clock
The RCC provides three PLLs: one for system clock, two for kernel clocks.
The system starts on the HSI clock. The user application can then select the clock configuration.
A high precision can be achieved for the 48 MHz clock by using the embedded clock recovery system (CRS). It
uses the USB SOF signal, the LSE or an external signal (SYNC) to fine tune the oscillator frequency on-the- fly.
STM32H7B0xB
Reset and clock controller (RCC)
DS13196 - Rev 7
page 16/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com