Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 39Page - STMicroelectronics STM32H7B0AB Datasheet HTML 40Page - STMicroelectronics STM32H7B0AB Datasheet HTML 41Page - STMicroelectronics STM32H7B0AB Datasheet HTML 42Page - STMicroelectronics STM32H7B0AB Datasheet HTML 43Page - STMicroelectronics STM32H7B0AB Datasheet HTML 44Page - STMicroelectronics STM32H7B0AB Datasheet HTML 45Page - STMicroelectronics STM32H7B0AB Datasheet HTML 46Page - STMicroelectronics STM32H7B0AB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
G5
J4
-
-
21
27
PF9
I/O
FT_h1
TIM17_CH1N, SPI5_MOSI,
SAI1_FS_B, UART7_CTS, TIM14_CH1,
OCTOSPIM_P1_IO1, EVENTOUT
-
H3
K3
-
-
22
28
PF10
I/O
FT_h1
TIM16_BKIN, SAI1_D3, PSSI_D15,
OCTOSPIM_P1_CLK, DCMI_D11/
PSSI_D11, LCD_DE, EVENTOUT
-
H1
J1
5
12
23
29
PH0-
OSC_IN(PH0)
I/O
FT
EVENTOUT
OSC_IN
H2
K1
6
13
24
30
PH1-OSC_OUT
(PH1)
I/O
FT
EVENTOUT
OSC_OUT
G6
L1
7
14
25
31
NRST
I/O
RST
-
-
J1
L2
8
15
26
32
PC0
I/O
FT_a
DFSDM1_CKIN0, DFSDM1_DATIN4,
SAI2_FS_B, FMC_A25,
OTG_HS_ULPI_STP, LCD_G2,
FMC_SDNWE, LCD_R5, EVENTOUT
ADC12_INP10
J2
L3
9
16
27
33
PC1
I/O
FT_ah0
TRACED0, SAI1_D1,
DFSDM1_DATIN0, DFSDM1_CKIN4,
SPI2_MOSI/I2S2_SDO, SAI1_SD_A,
SDMMC2_CK, OCTOSPIM_P1_IO4,
MDIOS_MDC, LCD_G5, EVENTOUT
ADC12_INP11,
ADC12_INN10,
TAMP_IN3, WKUP6
H5
(3)
M1 (3)
10
-
-
-
PC2
I/O
FT_a
PWR_CSTOP, DFSDM1_CKIN1,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT, OCTOSPIM_P1_IO2,
OTG_HS_ULPI_DIR,
OCTOSPIM_P1_IO5, FMC_SDNE0,
EVENTOUT
ADC12_INP12,
ADC12_INN11
K2
(3)
N1
(3)
-
17(4)
28(4)
34(4)
PC2_C
ANA
TT_a
-
ADC2_INP0,
ADC2_INN1
J4(3)
M2(3)
11
-
-
-
PC3
I/O
FT_a
PWR_CSLEEP, DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SDO,
OCTOSPIM_P1_IO0,
OTG_HS_ULPI_NXT,
OCTOSPIM_P1_IO6, FMC_SDCKE0,
EVENTOUT
ADC12_INP13,
ADC12_INN12
K1(3)
N2(3)
-
18(4)
29(4)
35(4)
PC3_C
ANA
TT_a
-
ADC2_INP1
G1
E12
-
-
30
36
VDD
S
-
-
G2
F6
-
-
-
-
VSS
S
-
-
J3
N3
12
19
31
37
VSSA
S
-
-
-
L4
-
-
-
-
VREF-
S
-
-
L2
M3
-
20
32
38
VREF+
S
-
-
L1
M4
13
21
33
39
VDDA
S
-
-
J5(3)
P1(3)
14
22
34
40
PA0
I/O
FT_a
TIM2_CH1/TIM2_ETR, TIM5_CH1,
TIM8_ETR, TIM15_BKIN,
SPI6_SS/I2S6_WS, USART2_CTS/
USART2_NSS, UART4_TX,
SDMMC2_CMD, SAI2_SD_B,
EVENTOUT
ADC1_INP16,
WKUP1
K3(3)
R3(3)
-
-
-
-
PA0_C
ANA
TT_a
-
ADC1_INP0,
ADC1_INN1
K4(3)
P2(3)
15
23
35
41
PA1
I/O
FT_ah1
TIM2_CH2, TIM5_CH2, LPTIM3_OUT,
TIM15_CH1N, USART2_RTS,
UART4_RX, OCTOSPIM_P1_IO3,
SAI2_MCK_B, OCTOSPIM_P1_DQS,
LCD_R2, EVENTOUT
ADC1_INP17,
ADC1_INN16
L3(3)
P3(3)
-
-
-
-
PA1_C
ANA
TT_a
-
ADC1_INP1
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 43/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com