Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B0AB Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32H7B0AB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 5Page - STMicroelectronics STM32H7B0AB Datasheet HTML 6Page - STMicroelectronics STM32H7B0AB Datasheet HTML 7Page - STMicroelectronics STM32H7B0AB Datasheet HTML 8Page - STMicroelectronics STM32H7B0AB Datasheet HTML 9Page - STMicroelectronics STM32H7B0AB Datasheet HTML 10Page - STMicroelectronics STM32H7B0AB Datasheet HTML 11Page - STMicroelectronics STM32H7B0AB Datasheet HTML 12Page - STMicroelectronics STM32H7B0AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
Peripherals
SMPS (1)
no-SMPS
Maximum CPU frequency (MHz)
280
SMPS step-down converter
1
-
USB internal regulator
1
-
USB separate supply pad
1
-
VDDMMC separate supply pad
1
-
VREF+ separate pad and internal buffer
1
1
1
-
Operating voltage
1.62 to 3.6 V (12)
Operating temperatures
Ambient temperature range: −40 to 85 °C
Junction temperature range: −40 to 130 °C(13)
Packages
UFBGA176+25
UFBGA169
LQFP176
LQFP144
LQFP100
LQFP64
Bootloader
USART, I2C, SPI, USB-
DFU, FDCAN
USART, I2C, SPI,
USB-DFU, FDCAN
USART, I2C, SPI,
USB-DFU, FDCAN
USART, I2C, SPI, USB-DFU
1. The devices with SMPS correspond to commercial code STM32H7B0xIxxQ.
2. For limitations on peripheral features depending on packages, check the available pins/balls in Table 7. STM32H7B0xB pin/ball definition.
3. To maximize the performance, the I/O high-speed at low-voltage feature (HSLV) must be activated when VDD < 2.7 V. This feature is not available on all I/Os (see
Table 88. OCTOSPI characteristics in SDR mode, and Table 89. OCTOSPI characteristics in DTR mode (with DQS)/Octal and Hyperbus).
4. The I/O high-speed at low-voltage feature (HSLV) at VDD < 2.7 V is not available for OCTOSPIM_P2.
5. A tamper pin can be configured either as passive or active (not both).
6. SPI1, SPI2, SPI3 and SPI6 interfaces give the flexibility to work in an exclusive way in either SPI mode or I2S audio mode.
7. Dedicated I/O supply pad (VDDMMC) or external level shifter are not supported.
8. The ULPI interface is supported. PC2 and PC3 are available on PC2_C and PC3_C, respectively, by closing the internal analog switch (see Table 7. STM32H7B0xB pin/ball
definition).
9. The ULPI interface is not supported.
10. DCMI and PSSI cannot be used simultaneously since they share the same circuitry.
11. For limitations on fast pads or channels depending on packages, check to the available pins/balls in Table 7. STM32H7B0xB pin/ball definition.
12. VDD/VDDA can drop down to 1.62 V by using an external power supervisor (see Section 3.5.2 Power supply supervisor) and connecting PDR_ON pin to VSS. Otherwise the supply
voltage must stay above 1.71 V with the embedded power voltage detector enabled.
13. The junction temperature is limited to 105 °C in VOS0 voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com