Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 206Page - STMicroelectronics STM32U595AI Datasheet HTML 207Page - STMicroelectronics STM32U595AI Datasheet HTML 208Page - STMicroelectronics STM32U595AI Datasheet HTML 209Page - STMicroelectronics STM32U595AI Datasheet HTML 210Page - STMicroelectronics STM32U595AI Datasheet HTML 211Page - STMicroelectronics STM32U595AI Datasheet HTML 212Page - STMicroelectronics STM32U595AI Datasheet HTML 213Page - STMicroelectronics STM32U595AI Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 377 page
background image
IDD(Stop 2
with RTC)
Supply current in Stop 2 mode,
RTC(1) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
12.5
24.5
58
105
190
µA
2.4
12.5
24.5
58.5
105
190
3
12
26.5
59.5
105
190
3.3
13.5
27.5
60.5
110
195
3.6
12
27
64
115
200
Supply current in Stop 2 mode,
RTC(1) clocked by LSE quartz
in low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
14.5
25
58.5
110
195
2.4
14.5
23
59
110
195
3
12.5
25.5
60
110
200
3.3
14.5
24.5
61
110
200
3.6
13.5
27
64
115
205
1. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 53. SRAM static power consumption in Stop 2 when supplied by LDO
Symbol
Parameter
Typ
Unit
25°C 55°C 85°C 105°C 125°C
IDD(SRAM1_64kB)(1)
SRAM1 64 KB page x static consumption
(SRAM1PDSx = 1 versus SRAM1PDSx = 0)
0.7
2.2
3.6
6.9
12.5
µA
IDD(SRAM2_8kB)(2)
SRAM2 8KB page 1 static consumption
(SRAM2PDS1 = 1 versus SRAM2PDS1 = 0)
0.1
0.4
0.7
1.7
3.1
IDD(SRAM2_56kB)(2)
SRAM2 56 KB page 2 static consumption
(SRAM2PDS2 = 1 versus SRAM2PDS2 = 0)
1.0
2.6
4.9
9.5
17.0
IDD(SRAM3_64kB)(3)
SRAM3 64 KB page x static consumption
(SRAM3PDSx = 1 versus SRAM3PDSx = 0)
0.8
2.1
3.7
7.1
12.5
Table 52. Current consumption in Stop 2 mode on LDO (continued)
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com