Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 213 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 213 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 209Page - STMicroelectronics STM32U595AI Datasheet HTML 210Page - STMicroelectronics STM32U595AI Datasheet HTML 211Page - STMicroelectronics STM32U595AI Datasheet HTML 212Page - STMicroelectronics STM32U595AI Datasheet HTML 213Page - STMicroelectronics STM32U595AI Datasheet HTML 214Page - STMicroelectronics STM32U595AI Datasheet HTML 215Page - STMicroelectronics STM32U595AI Datasheet HTML 216Page - STMicroelectronics STM32U595AI Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 377 page
background image
IDD(Stop 2
with RTC)
Supply current in Stop 2 mode,
RTC(1) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
6.6
13.5
32.5
59
110
µA
2.4
5.35
11
27
49
89.5
3
5
10
24.5
44.5
81.5
3.3
5.1
10
24
43.5
78.5
3.6
5.75
11
24.5
43.5
77.5
Supply current in Stop 2 mode,
RTC(1) clocked by LSE quartz
in low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
7.3
13.5
33
61
110
2.4
5.7
10.5
26.5
49.5
91.5
3
5.4
10
24.5
46
85
3.3
5.4
9.9
24
44.5
81.5
3.6
6.1
10.5
25
44.5
81
1. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 55. SRAM static power consumption in Stop 2 when supplied by SMPS
Symbol
Parameter
Typ
Unit
25°C 55°C 85°C 105°C 125°C
IDD(SRAM1_64kB)(1)
SRAM1 64 KB page x static consumption
(SRAM1PDSx = 1 versus SRAM1PDSx = 0)
0.4
0.6
1.4
2.6
4.8
µA
IDD(SRAM2_8kB)(2)
SRAM2 8KB page 1 static consumption
(SRAM2PDS1 = 1 versus SRAM2PDS1 = 0)
0.1
0.2
0.4
0.6
1.3
IDD(SRAM2_56kB)(2)
SRAM2 56 KB page 2 static consumption
(SRAM2PDS2 = 1 versus SRAM2PDS2 = 0)
0.4
0.8
1.9
3.5
6.6
IDD(SRAM3_64kB)(3)
SRAM3 64 KB page x static consumption
(SRAM3PDSx = 1 versus SRAM3PDSx = 0)
0.4
0.6
1.5
2.6
4.8
Table 54. Current consumption in Stop 2 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com