Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 217 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 217 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 213Page - STMicroelectronics STM32U595AI Datasheet HTML 214Page - STMicroelectronics STM32U595AI Datasheet HTML 215Page - STMicroelectronics STM32U595AI Datasheet HTML 216Page - STMicroelectronics STM32U595AI Datasheet HTML 217Page - STMicroelectronics STM32U595AI Datasheet HTML 218Page - STMicroelectronics STM32U595AI Datasheet HTML 219Page - STMicroelectronics STM32U595AI Datasheet HTML 220Page - STMicroelectronics STM32U595AI Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 377 page
background image
Table 57. SRAM static power consumption in Stop 3 when supplied by LDO
Symbol
Parameter
Typ
Unit
25°C 55°C 85°C 105°C
125°C
IDD(SRAM1_64kB)(1)
SRAM1 64 KB page x static consumption
(SRAM1PDSx = 1 versus SRAM1PDSx = 0)
0.9
1.1
3.5
7.3
14.5
µA
IDD(SRAM2_8kB)(2)
SRAM2 8KB page 1 static consumption
(SRAM2PDS1 = 1 versus SRAM2PDS1 = 0)
0.1
0.3
0.8
1.2
2.7
IDD(SRAM2_56kB)(2)
SRAM2 56 KB page 2 static consumption
(SRAM2PDS2 = 1 versus SRAM2PDS2 = 0)
1.1
1.4
4.5
9.2
17.5
IDD(SRAM3_64kB)(3)
SRAM3 64 KB page x static consumption
(SRAM3PDSx = 1 versus SRAM3PDSx = 0)
1.0
0.8
3.7
7.6
15.0
IDD(SRAM4)
SRAM4 static consumption
(SRAM4PDS = 1 versus SRAM4PDS = 0)
0.2
0.3
1.1
1.7
3.7
IDD(SRAM5_64kB)(4)
SRAM5 64 KB page x static consumption
(SRAM5PDSx = 1 versus SRAM5PDSx = 0)
1.0
1.1
3.6
7.3
14.0
IDD(ICRAM)
ICACHE SRAM static consumption
(ICRAMPDS = 1 versus ICRAMPDS = 0)
0.7
0.5
2.6
5.2
10.5
IDD(DC1RAM)
DCACHE1 SRAM static consumption
(DC1RAMPDS = 1 versus DC1RAMPDS = 0)
0.3
0.5
1.3
2.5
5.0
IDD(DC2RAM)
DCACHE2 SRAM static consumption
(DC2RAMPDS = 1 versus DC2RAMPDS = 0)
0.3
0.5
1.3
2.5
5.0
IDD(DMA2DRAM)
DMA2D SRAM static consumption
(DMA2DRAMPDS = 1 versus
DMA2DRAMPDS = 0)
0.02 0.09 0.13
0.18
0.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com