Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 216Page - STMicroelectronics STM32U595AI Datasheet HTML 217Page - STMicroelectronics STM32U595AI Datasheet HTML 218Page - STMicroelectronics STM32U595AI Datasheet HTML 219Page - STMicroelectronics STM32U595AI Datasheet HTML 220Page - STMicroelectronics STM32U595AI Datasheet HTML 221Page - STMicroelectronics STM32U595AI Datasheet HTML 222Page - STMicroelectronics STM32U595AI Datasheet HTML 223Page - STMicroelectronics STM32U595AI Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 377 page
background image
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(1) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
2.95
7.25
19.5
37.5
71
µA
2.4
2.45
5.75
15.5
30
57
32.35
5.35
14
27
51
3.3
2.6
5.55
14.5
27
50.5
3.6
3.45
6.65
15.5
28.5
51.5
Supply current in Stop 3 mode,
RTC(1) clocked by LSE quartz
in low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3.4
7.2
19.5
38.5
73.5
2.4
2.8
5.8
16
31
59
3
2.6
5.3
14.5
28
53.5
3.3
2.85
5.5
14.5
27.5
52.5
3.6
3.65
6.5
15.5
29
53.5
1. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 59. SRAM static power consumption in Stop 3 when supplied by SMPS
Symbol
Parameter
Typ
Unit
25°C 55°C 85°C 105°C 125°C
IDD(SRAM1_64kB)(1)
SRAM1 64 KB page x static consumption
(SRAM1PDSx = 1 versus SRAM1PDSx = 0)
0.2
0.4
1.1
2.2
4.3
µA
IDD(SRAM2_8kB)(2)
SRAM2 8KB page 1 static consumption
(SRAM2PDS1 = 1 versus SRAM2PDS1 = 0)
0.0
0.1
0.2
0.4
0.9
IDD(SRAM2_56kB)(2)
SRAM2 56 KB page 2 static consumption
(SRAM2PDS2 = 1 versus SRAM2PDS2 = 0)
0.2
0.5
1.4
2.7
5.4
IDD(SRAM3_64kB)(3)
SRAM3 64 KB page x static consumption
(SRAM3PDSx = 1 versus SRAM3PDSx = 0)
0.2
0.4
1.1
2.3
4.5
Table 58. Current consumption in Stop 3 mode on SMPS (continued)
Symbol
Parameter
Conditions
Typ
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com