Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 223 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 223 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 219Page - STMicroelectronics STM32U595AI Datasheet HTML 220Page - STMicroelectronics STM32U595AI Datasheet HTML 221Page - STMicroelectronics STM32U595AI Datasheet HTML 222Page - STMicroelectronics STM32U595AI Datasheet HTML 223Page - STMicroelectronics STM32U595AI Datasheet HTML 224Page - STMicroelectronics STM32U595AI Datasheet HTML 225Page - STMicroelectronics STM32U595AI Datasheet HTML 226Page - STMicroelectronics STM32U595AI Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 377 page
background image
IDD(Standby
with RTC)
Supply current in
Standby mode (backup
registers retained),
RTC enabled
RTC(1) clocked by
LSI 32 kHz,
no independent
watchdog(2)
1.8
0.54
0.925
2.35
4.75
9.85
µA
2.4
0.65
1.05
2.55
5.05
10.5
3
0.9
1.5
3.45
6.6
13
3.3
1.3
2.1
4.5
8.15
15.5
3.6
2.3
3.55
6.75
11.5
19.5
RTC(1) clocked by
LSI 250 Hz,
no independent
watchdog
1.8
0.355 0.745
2.2
4.6
9.65
2.4
0.395 0.805
2.3
4.8
10
3
0.565
1.15
3.1
6.25
12.5
3.3
0.93
1.75
4.15
7.8
15
3.6
1.85
3.15
6.3
11
19
RTC(1) clocked by
LSE bypassed at
32768 Hz
1.8
0.48
0.885
2.35
4.75
9.85
2.4
0.555 0.975
2.5
5
10.5
3
0.785
1.4
3.35
6.55
13
3.3
1.2
2
4.45
8.1
15.5
3.6
2.2
3.5
6.65
11
19.5
RTC(1) clocked by
LSE quartz in
low-drive mode
1.8
0.65
1
2.45
5
10.5
2.4
0.69
1.05
2.6
5.3
11
3
0.885
1.4
3.45
6.75
13.5
3.3
1.25
2
4.45
8.35
16
3.6
2.25
3.4
6.65
11.5
20.5
Table 60. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com