Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 253 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 253 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 249Page - STMicroelectronics STM32U595AI Datasheet HTML 250Page - STMicroelectronics STM32U595AI Datasheet HTML 251Page - STMicroelectronics STM32U595AI Datasheet HTML 252Page - STMicroelectronics STM32U595AI Datasheet HTML 253Page - STMicroelectronics STM32U595AI Datasheet HTML 254Page - STMicroelectronics STM32U595AI Datasheet HTML 255Page - STMicroelectronics STM32U595AI Datasheet HTML 256Page - STMicroelectronics STM32U595AI Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 377 page
background image
DS13633 Rev 1
253/377
STM32U59xxx
Electrical characteristics
343
5.3.10
Flash memory characteristics
IDD(PLL)
PLL power
consumption on
VDD
with LDO
VCO freq = 160 MHz,
1 clock output
Range 1
-
370
-
μA
VCO freq = 160 MHz,
3 clock outputs
Range 1
-
390
-
VCO freq = 200 MHz,
1 clock output
Range 1
-
460
-
Range 2
-
435
-
Range 3
-
410
-
VCO freq = 336 MHz,
1 clock output
Range 1
-
710
-
VCO freq = 544 MHz,
1 clock output
Range 1
-
1100
-
IDD(PLL)
PLL power
consumption on
VDD
with SMPS
VCO freq = 160 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
260
-
VCO freq = 160 MHz,
3 clock outputs
Range 1, IVCORE(6) = 19.4 mA
-
270
-
VCO freq = 200 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
320
-
Range 2, IVCORE(6) = 11.7 mA
-
300
-
Range 3, IVCORE(6) = 5.74 mA
-
290
-
VCO freq = 336 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
470
-
VCO freq = 544 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
730
-
1. Specified by design and not tested in production, unless otherwise specified.
2. PLL1 output Q and PLL2 output Q can be up to 200 MHz only when selected as OCTOSPI clock.
3. Evaluated by characterization. Not tested in production.
4. Lock time is the duration until PLLxRDY flag (2% of final frequency).
5. Measured on 5000 cycles.
6. SMPS efficiency based on CoreMark RUN current on VCORE at max frequency of each voltage range.
Table 76. PLL characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 77. Flash memory characteristics(1)
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
tprog
128-bit programming time
Normal mode
118
119
µs
Burst mode
47
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com