Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 254 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 254 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 250Page - STMicroelectronics STM32U595AI Datasheet HTML 251Page - STMicroelectronics STM32U595AI Datasheet HTML 252Page - STMicroelectronics STM32U595AI Datasheet HTML 253Page - STMicroelectronics STM32U595AI Datasheet HTML 254Page - STMicroelectronics STM32U595AI Datasheet HTML 255Page - STMicroelectronics STM32U595AI Datasheet HTML 256Page - STMicroelectronics STM32U595AI Datasheet HTML 257Page - STMicroelectronics STM32U595AI Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 377 page
background image
Electrical characteristics
STM32U59xxx
254/377
DS13633 Rev 1
tprog_page One 8-Kbyte page programming time
fAHB = 160 MHz, normal mode
60.2
-
ms
fAHB = 160 MHz, burst mode
24.5
-
tprog_bank One 2-Mbyte bank programming time
fAHB = 160 MHz, normal mode
15420
-
fAHB = 160 MHz, burst mode
6280
-
tERASE One 8-Kbyte page erase time
10 k endurance cycles
1.5
2.4
100 k endurance cycles
1.7
3.4
tME
Mass erase time (one bank)
10 k endurance cycles
220
616
Mass erase time (two banks)
440
1230
IDD(3)
Average consumption from VDD
Write mode
2.1
-
mA
Erase mode
1.3
-
Maximum current (peak)
Write mode
2.6
-
Erase mode
3.0
-
1. Specified by design. Not tested in production.
2. Evaluated by characterization after cycling. Not tested in production.
3. Evaluated by characterization. Not tested in production.
Table 77. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
Table 78. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
Whole bank
TA = –40 to 125 °C
10
kcycles
Limited to 256 Kbytes per bank
100
tRET
Data retention
Whole bank
TA = 85 °C after 1 kcycle(2)
30
Years
TA = 105 °C after 1 kcycle(2)
15
TA = 125 °C after 1 kcycle(2)
10
TA = 55 °C after 10 kcycle(2)
30
TA = 85 °C after 10 kcycle(2)
15
TA = 105 °C after 10 kcycle(2)
10
Limited to 256 Kbytes per bank
TA = 55 °C after 100 kcycle(2)
30
TA = 85 °C after 100 kcycle(2)
15
TA = 105 °C after 100 kcycle(2)
10
1. Evaluated by characterization. Not tested in production.
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com