Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 259 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 259 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 255Page - STMicroelectronics STM32U595AI Datasheet HTML 256Page - STMicroelectronics STM32U595AI Datasheet HTML 257Page - STMicroelectronics STM32U595AI Datasheet HTML 258Page - STMicroelectronics STM32U595AI Datasheet HTML 259Page - STMicroelectronics STM32U595AI Datasheet HTML 260Page - STMicroelectronics STM32U595AI Datasheet HTML 261Page - STMicroelectronics STM32U595AI Datasheet HTML 262Page - STMicroelectronics STM32U595AI Datasheet HTML 263Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 377 page
background image
DS13633 Rev 1
259/377
STM32U59xxx
Electrical characteristics
343
Ilkg
(3)(4)
Input
leakage
current
all I/Os except FT_c,
FT_d, FT_o, FT_t,
FT_u,TT_xx
VIN ≤ Max (VDDXXX)(5)
--
150
nA
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
2000
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
500
FT_c I/Os
VIN ≤ Max (VDDXXX)(5)
-
-
1500
Max (VDDXXX) < VIN ≤ 5 V(6)
-
-
2000
FT_d I/Os
VIN ≤ Max (VDDXXX)(5)
-
-
1500
Max (VDDXXX) < VIN ≤ 5.5 V(6)
-
-
5000
FT_o I/Os
VIN ≤ Max (VDDXXX)(5)
--
50
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
--
500
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
200
FT_u I/Os
VIN ≤ Max (VDDXXX)(5)
--
200
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
2500
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
500
FT_t I/Os
VIN ≤ Max (VDDXXX)(5)
--
300
Max (VDDXXX) < VIN
≤ Max (VDDXXX) + 1 V(6)
-
-
3000
Max (VDDXXX) + 1 V < VIN
≤ 5.5 V(6)
--
600
Ilkg
(3)(4)
Input
leakage
current
TT_xx I/Os except
OPAMPx_VINM
(x = 1, 2)
VIN ≤ Max (VDDXXX)(5)
--
500
nA
OPAMPx_VINM (x = 1, 2) dedicated input leakage
current
--
(7)
RPU
Weak
pull-up
equivalent
-30
40
50
kΩ
RPD
Weak
pull-down
equivalent
resistor(8)
-30
40
50
CIO
I/O pin
capacitance
--
5
-
pF
1. The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For
instance TT_a refers to any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
Table 84. I/O static characteristics(1) (continued)
Parameter
Conditions
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com