Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 262 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 262 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 258Page - STMicroelectronics STM32U595AI Datasheet HTML 259Page - STMicroelectronics STM32U595AI Datasheet HTML 260Page - STMicroelectronics STM32U595AI Datasheet HTML 261Page - STMicroelectronics STM32U595AI Datasheet HTML 262Page - STMicroelectronics STM32U595AI Datasheet HTML 263Page - STMicroelectronics STM32U595AI Datasheet HTML 264Page - STMicroelectronics STM32U595AI Datasheet HTML 265Page - STMicroelectronics STM32U595AI Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 377 page
background image
Electrical characteristics
STM32U59xxx
262/377
DS13633 Rev 1
Output AC characteristics
The definition and values of output AC characteristics are given in Figure 35: Output AC
characteristics definition and in the table below respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 32.
Table 86. Output voltage characteristics for FT_t I/Os in VBAT mode, and for FT_o I/Os(1)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low-level voltage |I
IO| = 0.5 mA, 2.7 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
V
VOH
Output high-level voltage
VDDIOx - 0.4
-
VOL
Output low-level voltage |I
IO| = 0.25 mA, 1.58 V ≤ VBAT ≤ 3.6 V,
VDD off
-0.4
VOH
Output high-level voltage
VDDIOx - 0.4
-
1. Specified by design. Not tested in production.
Table 87. Output AC characteristics, HSLV OFF (all I/Os except FT_c,
FT_t in VBAT mode(1), and FT_o I/Os)(2)(3)(4)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
MHz
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
5
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
1
tr/tf
Output rise and fall time
all I/Os
CL = 50 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
17
ns
CL = 50 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
33
CL = 50 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
85
CL = 10 pF, 2.7 V ≤ VDDIOx ≤ 3.6 V
-
12.5
CL = 10 pF, 1.58 V ≤ VDDIOx < 2.7 V
-
25
CL = 10 pF, 1.08 V ≤ VDDIOx < 1.58 V
-
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com