Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 270 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 270 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 266Page - STMicroelectronics STM32U595AI Datasheet HTML 267Page - STMicroelectronics STM32U595AI Datasheet HTML 268Page - STMicroelectronics STM32U595AI Datasheet HTML 269Page - STMicroelectronics STM32U595AI Datasheet HTML 270Page - STMicroelectronics STM32U595AI Datasheet HTML 271Page - STMicroelectronics STM32U595AI Datasheet HTML 272Page - STMicroelectronics STM32U595AI Datasheet HTML 273Page - STMicroelectronics STM32U595AI Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 377 page
background image
Electrical characteristics
STM32U59xxx
270/377
DS13633 Rev 1
VCIMV
Common mode input
voltage
-VREF+/2 - 10% VREF+/2 VREF+/2 + 10%
V
RAIN(5)
External input
impedance
Resolution = 14 bits
Tj = 130 °C
-
-
1000
Ω
Resolution = 12 bits
Tj = 130 °C
-
-
1000
Resolution = 10 bits
Tj = 130 °C
-
-
4700
Resolution = 8 bits
Tj = 130 °C
-
-
22000
CADC
Internal sample-and-
hold capacitor
--
5
-
pF
tADCVREG_
STUP
ADC LDO startup time
-
-
-
17
µs
tSTAB
ADC power-up time
LDO already started
(3 × 1/fADC) + 1 conversion
Cycle
tCAL
Offset and linearity
calibration time
-
25502
1/fADC
tOFF_CAL
Offset calibration time
-
683
tLATR
Trigger conversion
latency for regular and
injected channels,
without aborting the
conversion
PRESC = 0
3
PRESC = 1
7
PRESC = 2
13
tLATRINJ
Trigger conversion
latency Injected
channels aborting a
regular conversion
PRESC = 0
4
PRESC = 1
9
PRESC = 2
17
ts
Sampling time
-
5
-
814
tCONV
Total conversion time
(including sampling
time)
Resolution = N bits
ts + N + 3
Table 94. 14-bit ADC12 characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com