Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 274 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 274 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 270Page - STMicroelectronics STM32U595AI Datasheet HTML 271Page - STMicroelectronics STM32U595AI Datasheet HTML 272Page - STMicroelectronics STM32U595AI Datasheet HTML 273Page - STMicroelectronics STM32U595AI Datasheet HTML 274Page - STMicroelectronics STM32U595AI Datasheet HTML 275Page - STMicroelectronics STM32U595AI Datasheet HTML 276Page - STMicroelectronics STM32U595AI Datasheet HTML 277Page - STMicroelectronics STM32U595AI Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 377 page
background image
Electrical characteristics
STM32U59xxx
274/377
DS13633 Rev 1
8 bits
47
123
5
12
68
124
100
125
150
128
220
130
330
137
470
140
680
157
1000
178
1500
204
2200
250
20
3300
313
4700
400
36
6800
546
10000
830
68
1. Specified by design. Not tested in production.
2. BOOSTEN and ANASWVDD configured properly according to VDD and VDDA values.
3. Values without external capacitor.
Table 95. Maximum RAIN for 14-bit ADC12(1)(2) (3) (continued)
Resolution
RAIN max (Ω)
Sampling time [ns]
Sampling cycle at 5 MHz Sampling cycle at 55 MHz
Table 96. 14-bit ADC12 accuracy(1)(2)(3)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
ET
Total unadjusted error
Single ended
-
±8
-
LSB
Differential
-
±6
-
EO
Offset error
Single ended
-
±2
±5(5)
Differential
-
±5
±10(5)
EG
Gain error
Single ended
-
±6
-
Differential
-
±3
ED
Differential linearity error
Single ended
fADC ≥ 10 MHz
-
-0.9/+1.5
-0.9/+2.5
Differential
-
Single ended
fADC < 10 MHz
-
-0.9/+1.5
-1/+3
Differential
-
EL
Integral linearity error
Single ended
-
±2
±5
Differential
-
ENOB
Effective number of bits
Single ended
11
12
-
bits
Differential
11.8
12.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com