Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 292 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 292 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 288Page - STMicroelectronics STM32U595AI Datasheet HTML 289Page - STMicroelectronics STM32U595AI Datasheet HTML 290Page - STMicroelectronics STM32U595AI Datasheet HTML 291Page - STMicroelectronics STM32U595AI Datasheet HTML 292Page - STMicroelectronics STM32U595AI Datasheet HTML 293Page - STMicroelectronics STM32U595AI Datasheet HTML 294Page - STMicroelectronics STM32U595AI Datasheet HTML 295Page - STMicroelectronics STM32U595AI Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 377 page
background image
Electrical characteristics
STM32U59xxx
292/377
DS13633 Rev 1
tWAKEUP
Wake-up time from
OFF state
Normal
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 3.9 kΩ,
follower config.
-4
10
µs
Low-power
mode
CLOAD ≤ 50 pF,
RLOAD ≥ 20kΩ,
follower config.
-20
40
Ibias
OPAMP input bias current
General purpose input (all
packages except UFBGA)
--
(4)
nA
Dedicated
input
(UFBGA
and
TFBGA)
TJ ≤ 75 °C
-
-
7
TJ ≤ 85 °C
-
-
9
TJ ≤ 105 °C
-
-
18
TJ ≤ 125 °C
-
-
25
PGA gain(3)
Non-inverting gain value
PGA_GAIN[1:0] = 00
-
2
-
-
PGA_GAIN[1:0] = 01
-
4
-
PGA_GAIN[1:0] = 10
-
8
-
PGA_GAIN[1:0] = 11
-
16
-
Rnetwork
R2/R1 internal resistance
values in non-inverting
PGA mode(5)
PGA gain = 2
-
80/80
-
kΩ/
kΩ
PGA gain = 4
-
120/40
-
PGA gain = 8
-
140/20
-
PGA gain = 16
-
150/10
-
Delta R
Resistance variation
(R1 or R2)
--18
-
18
%
PGA gain error
PGA gain error
-
-1
-
1
PGA BW
PGA bandwidth for
different non inverting gain
PGA gain = 2
-
GBW/2
-
MHz
PGA gain = 4
-
GBW/4
-
PGA gain = 8
-
GBW/8
-
PGA gain = 16
-
GBW/16
-
en
Voltage noise density
Normal
mode
At 1 kHz, output
loaded with 3.9 kΩ
-
220
-
nV
/√Hz
Low-power
mode
At 1 kHz, output
loaded with 20 kΩ
-
350
-
Normal
mode
At 10 kHz, output
loaded with 3.9 kΩ
-
190
-
Low-power
mode
at 10 kHz, output
loaded with 20 kΩ
-
210
-
Table 108. OPAMP characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com