Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 295 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 295 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 291Page - STMicroelectronics STM32U595AI Datasheet HTML 292Page - STMicroelectronics STM32U595AI Datasheet HTML 293Page - STMicroelectronics STM32U595AI Datasheet HTML 294Page - STMicroelectronics STM32U595AI Datasheet HTML 295Page - STMicroelectronics STM32U595AI Datasheet HTML 296Page - STMicroelectronics STM32U595AI Datasheet HTML 297Page - STMicroelectronics STM32U595AI Datasheet HTML 298Page - STMicroelectronics STM32U595AI Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 377 page
background image
DS13633 Rev 1
295/377
STM32U59xxx
Electrical characteristics
343
Figure 46. ADF timing diagram
Table 109. ADF characteristics(1)
Symbol
Parameter
Conditions
Min
Typ Max Unit
fCCKI
Input clock frequency via
ADF_CCK[1:0] pin, in
SLAVE SPI mode
1.71 ≤ VDD ≤ 3.6 V
--
25
MHz
fCCKO
Output clock frequency in
MASTER SPI mode
--
25
fCCKOLF
Output clock frequency in
LF_MASTER SPI mode
--
5
fSYMB
Input symbol rate in
Manchester mode
--
20
tHCCKI
tLCCKI
ADF_CCK[1:0] input clock
high and low time
In SLAVE SPI mode
2 ×
Tadf_proc_ck(2)
--
ns
tHCCKO
tLCCKO
ADF_CCK[1:0] output clock
high and low time
In MASTER SPI mode
2 ×
Tadf_proc_ck
--
tHCCKOLF
tLCCKOLF
ADF_CCK[1:0] output clock
high and low time
In LF_MASTER SPI mode
Tadf_proc_ck
-
-
tSUCCKI
Data setup time with respect
to ADF_CCK[1:0] input
In SLAVE SPI mode:
ADF_CCK[1:0] configured in input,
measured on rising and falling edge
4.5
-
-
tHDCCKI
Data hold time with respect
to ADF_CCK[1:0] input
0-
-
tSUCCKO
Data setup time with respect
to ADF_CCK[1:0] output
In MASTER SPI mode:
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
5.5
-
-
tHDCCKO
Data hold time with respect
to ADF_CCK[1:0] output
0-
-
tSUCCKOLF
Data setup time with respect
to ADF_CCK[1:0] output
In LF_MASTER SPI mode:
ADF_CCK[1:0] configured in
output, measured on rising and
falling edge
19.5
-
-
ns
tHDCCKOLF
Data hold time with respect
to ADF_CCK[1:0] output
0-
-
1. Evaluated by characterization. Not tested in production.
2. Tadf_proc_ck is the period of the ADF processing clock.
MSv69124V1
ADF_SDIx (I)
ADF_CCK (I/O)
tSUCCKI
tSUCCKO
tSUCCKOLF
fCCKI, fCCKO, fCCKOLF
tLCCKI, tLCCKO,
tLCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF
tHCCKI, tHCCKO,
tHCCKOLF
tSUCCKI
tSUCCKO
tSUCCKOLF
tHDCCKI
tHDCCKO
tHDCCKOLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com