Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 301 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 301 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 297Page - STMicroelectronics STM32U595AI Datasheet HTML 298Page - STMicroelectronics STM32U595AI Datasheet HTML 299Page - STMicroelectronics STM32U595AI Datasheet HTML 300Page - STMicroelectronics STM32U595AI Datasheet HTML 301Page - STMicroelectronics STM32U595AI Datasheet HTML 302Page - STMicroelectronics STM32U595AI Datasheet HTML 303Page - STMicroelectronics STM32U595AI Datasheet HTML 304Page - STMicroelectronics STM32U595AI Datasheet HTML 305Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 377 page
background image
DS13633 Rev 1
301/377
STM32U59xxx
Electrical characteristics
343
5.3.31
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage
summarized in Table 32, with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Table 114. LTDC characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fCLK
LTDC clock output
frequency
2.7 V ≤ VDD ≤ 3.6 V, CL = 20 pF
-
116
MHz
2.7 V ≤ VDD ≤ 3.6 V
100
1.71 V ≤ VDD ≤ 3.6 V
66.5
DCLK
LTDC clock output duty cycle
45
55
%
tW(CLKH)
tW(CLKL)
Clock High time, low time
tW(CLK)/2 - 0.5
tW(CLK)/2 + 0.5
ns
tV(DATA)
Data output valid
time
2.7 V ≤ VDD ≤ 3.6 V
-
2.5
1.71 V ≤ VDD ≤ 3.6 V
7.5
tH(DATA)
Data output hold time
0.5
-
tV(HSYNC)
tV(VSYNC)
tV(DE)
HSYNC/VSYNC/DE output valid time
-
3
tH(HSYNC)
tH(VSYNC)
tH(DE)
HSYNC/VSYNC/DE output hold time
1.5
-
1. Evaluated by characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com