Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 304 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 304 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 300Page - STMicroelectronics STM32U595AI Datasheet HTML 301Page - STMicroelectronics STM32U595AI Datasheet HTML 302Page - STMicroelectronics STM32U595AI Datasheet HTML 303Page - STMicroelectronics STM32U595AI Datasheet HTML 304Page - STMicroelectronics STM32U595AI Datasheet HTML 305Page - STMicroelectronics STM32U595AI Datasheet HTML 306Page - STMicroelectronics STM32U595AI Datasheet HTML 307Page - STMicroelectronics STM32U595AI Datasheet HTML 308Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 377 page
background image
Electrical characteristics
STM32U59xxx
304/377
DS13633 Rev 1
Table 116. MIPI D-PHY AC characteristics LP mode and HS/LP transitions(1)
Symbol
Parameter
Min
Typ
Max
Unit
TLPX
Transmitted length of any LP state period
50
-
-
ns
TCLK-PREPARE
Time that the transmitter drives the clock lane LP-00
line state immediately before the HS-0 line state,
starting the HS transmission
38
-
95
TCLK-PREPARE
+ TCLK-ZERO
TCLK-PREPARE + time that the transmitter drives the
HS-0 state prior to starting the clock
300
-
-
TCLK-PRE
Time that the HS clock must be driven by the
transmitter prior to any associated data lane beginning
the transition from LP to HS mode
8-
-
UI(2)
TCLK-POST
Time that the transmitter continues to send HS clock
after the last associated data lane transitioned to
LP mode
62 + 52 × UI
-
-
ns
TCLK-TRAIL
Time that the transmitter drives the HS-0 state after
the last payload clock bit of an HS transmission burst
60
-
-
THS-PREPARE
Time that the transmitter drives the data lane LP-00
line state immediately before the HS-0 line state
starting the HS transmission
40 + 4 × UI
-
85 + 6 × UI
THS-PREPARE
+ THS-ZERO
THS-PREPARE + time that the transmitter drives the
HS-0 state prior to transmitting the sync sequence
145 + 10 × UI
-
-
THS-TRAIL
Time that the transmitter drives the flipped differential
state after last payload data bit of a HS transmission
burst
Max
(n × 8 × UI,
60 + n × 4 × UI)
--
THS-EXIT
Time that the transmitter drives LP-11 following
a HS burst
100
-
-
TREOT
30%-85% rise and fall time
-
-
35
TEOT
Transmitted time interval from the start of THS-TRAIL or
TCLK-TRAIL, to the start of the LP-11 state following a
HS burst
--
105 + n ×
12 × UI
1. Evaluated by characterization. Not tested in production.
2. UI (unit interval) equals to the duration of any HS state on the clock lane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com