Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 306 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 306 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 302Page - STMicroelectronics STM32U595AI Datasheet HTML 303Page - STMicroelectronics STM32U595AI Datasheet HTML 304Page - STMicroelectronics STM32U595AI Datasheet HTML 305Page - STMicroelectronics STM32U595AI Datasheet HTML 306Page - STMicroelectronics STM32U595AI Datasheet HTML 307Page - STMicroelectronics STM32U595AI Datasheet HTML 308Page - STMicroelectronics STM32U595AI Datasheet HTML 309Page - STMicroelectronics STM32U595AI Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 377 page
background image
Electrical characteristics
STM32U59xxx
306/377
DS13633 Rev 1
Table 118. DSI current consumption characteristics on VDDDSI(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD_DSI
DSI system (Host, PLL and D-PHY)
current consumption on VDDDSI
Ultra-low-power mode
(PLL OFF)
-194
208
µA
Stop state - 1 data lane
(PLL OFF)
-
2.74
3.2
mA
Stop state - 2 data lanes
(PLL OFF)
-
4.08
4.8
IDD_DSILP
DSI system current consumption on
VDDDSI in LP mode communication(2)
10 MHz escape clock -
1 data lane (PLL OFF)
-
4.32
4.8
10 MHz escape clock -
2 data lanes (PLL OFF)
-
5.65
6.4
20 MHz escape clock -
1 data lane (PLL OFF)
-
5.94
6.6
20 MHz escape clock -
2 data lanes (PLL OFF)
-
7.27
8.2
IDD_DSIHS
DSI system (Host, PLL and D-PHY)
current consumption on VDDDSI
in HS mode communication(3)
300 Mbit/s - 1 data lane
(PLL ON)
-
2.98
3.1
300 Mbit/s - 2 data lanes
(PLL ON)
-
4.33
4.5
500 Mbit/s - 1 data lane
(PLL ON)
-
3.21
3.4
500 Mbit/s - 2 data lanes
(PLL ON)
-
4.54
4.8
DSI system (Host, PLL and D-PHY)
current consumption on VDDDSI
in HS mode with CLK like payload
500 Mbit/s - 2 data lanes
(PLL ON)
-
4.56
4.8
1. Evaluated by characterization. Not tested in production.
2. Values based on an average traffic in LP command mode.
3. Values based on an average traffic (3/4 HS traffic and 1/4 LP) in Video mode.
Table 119. DSI current consumption characteristics on VDD11DSI(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD11_DSI
DSI system (Host, PLL and D-PHY)
current consumption on VDD11DSI
Ultra-low--power mode
(PLL OFF)
-
7.7
48
µA
Stop state - 1 data lane
(PLL OFF)
-
0.56
1.1
mA
Stop state - 2 data lanes
(PLL OFF)
-
0.83
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com