Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 324 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 324 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 320Page - STMicroelectronics STM32U595AI Datasheet HTML 321Page - STMicroelectronics STM32U595AI Datasheet HTML 322Page - STMicroelectronics STM32U595AI Datasheet HTML 323Page - STMicroelectronics STM32U595AI Datasheet HTML 324Page - STMicroelectronics STM32U595AI Datasheet HTML 325Page - STMicroelectronics STM32U595AI Datasheet HTML 326Page - STMicroelectronics STM32U595AI Datasheet HTML 327Page - STMicroelectronics STM32U595AI Datasheet HTML 328Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 377 page
background image
Electrical characteristics
STM32U59xxx
324/377
DS13633 Rev 1
Table 137. OCTOSPI characteristics in SDR mode(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock
frequency
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 1
CL = 15 pF
--
93
MHz
2.7 V ≤ VDD ≤ 3.6 V
Voltage range1
CL = 15 pF
-
-
100
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 4
CL = 15 pF
--
24
tw(CLKH) OCTOSPI clock high
and low time
(even division)
PRESCALER[7:0] = n
(n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2
tw(CLKH) OCTOSPI clock high
and low time
(odd division)
PRESCALER[7:0] = n
(n = 2, 4, 6,..254)
(n/2) × t(CLK)
/(n+1) - 0.5
-
(n/2) × t(CLK)
/(n+1)
tw(CLKL)
((n/2)+1) × t(CLK)
/(n+1) - 0.5
-
((n/2)+1) × t(CLK)
/(n+1)
ts(IN)
Data input setup time
Voltage range 1
2.5
-
-
Voltage range 4
6
-
-
th(IN)
Data input hold time
Voltage range 1
0.5
-
-
Voltage range 4
1
-
-
tv(OUT) Data output valid time
Voltage range 1
-
0.5
1
Voltage range 4
-
1.5
2.5
th(OUT) Data output hold time
Voltage range 1
-0.5
-
-
Voltage range 4
-0.25
-
-
1. Evaluated by characterization. Not tested in production.
2. Measured values in this table apply to Octo- and Quad-SPI data modes.
3. Delay block bypassed.
Table 138. OCTOSPI characteristics in DTR mode (no DQS)(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock
frequency
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 1
CL = 15 pF
--
93(4)
MHz
2.7 V ≤ VDD ≤ 3.6 V
Voltage range1
CL = 15 pF
--
100(4)
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 4,
CL = 15 pF
--
24(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com