Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 325 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 325 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 321Page - STMicroelectronics STM32U595AI Datasheet HTML 322Page - STMicroelectronics STM32U595AI Datasheet HTML 323Page - STMicroelectronics STM32U595AI Datasheet HTML 324Page - STMicroelectronics STM32U595AI Datasheet HTML 325Page - STMicroelectronics STM32U595AI Datasheet HTML 326Page - STMicroelectronics STM32U595AI Datasheet HTML 327Page - STMicroelectronics STM32U595AI Datasheet HTML 328Page - STMicroelectronics STM32U595AI Datasheet HTML 329Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 377 page
background image
DS13633 Rev 1
325/377
STM32U59xxx
Electrical characteristics
343
tw(CLKH) OCTOSPI clock
high and low time
(even division)
PRESCALER[7:0] = n
(n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
tw(CLKH) OCTOSPI clock
high and low time
(odd division)
PRESCALER[7:0] = n
(n = 2, 4, 6,..254)
(n/2) × t(CLK)
/(n+1) - 0.5
-
(n/2) × t(CLK)
/(n+1) + 0.5
tw(CLKL)
((n/2)+1) × t(CLK)
/(n+1) - 0.5
-
((n/2)+1) × t(CLK)
/(n+1) + 0.5
tsr(IN)
tsf(IN)
Data input setup
time
Voltage range 1
3.25
-
-
Voltage range 4
3.75
-
-
thr(IN)
thf(IN)
Data input hold
time
Voltage range 1
1
-
-
Voltage range 4
1.5
-
-
tvr(OUT)
tvf(OUT)
Data output valid
time, DHQC = 0
Voltage range 1
-
6
9.25
Voltage range 4
-
13.25
19.75
Data output valid
time, DHQC = 1
Voltage range 1
All prescaler values
(except 0)
-t(CLK)/4 + 0.75
t(CLK)/4 + 1.5
thr(OUT)
thf(OUT)
Data output hold
time DHQC = 0
Voltage range 1
4
-
-
Voltage range 4
8
-
-
Data output hold
time DHQC = 1
Voltage range 1
All prescaler values
(except 0)
t(CLK)/4 - 0.5
-
-
1. Evaluated by characterization. Not tested in production.
2. Measured values in this table apply to Octo- and Quad-SPI data modes.
3. Delay block bypassed.
4. Activating DHQC is mandatory to reach this frequency.
Table 138. OCTOSPI characteristics in DTR mode (no DQS)(1)(2)(3) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 139. OCTOSPI characteristics in DTR mode (with DQS)/HyperBus(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f(CLK)
OCTOSPI clock
frequency
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 1
CL = 15 pF
--
93(3)(4)
MHz
2.7 V ≤ VDD ≤ 3.6 V
Voltage range1
CL = 15 pF
-
-
100(3)(4)
1.71 V ≤ VDD ≤ 3.6 V
Voltage range 4
CL = 15 pF
--
24(4)
tw(CLKH) OCTOSPI clock
high and low time
(even division)
PRESCALER[7:0] = n
(n = 0, 1, 3, 5,..255)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com