Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 333 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 333 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 329Page - STMicroelectronics STM32U595AI Datasheet HTML 330Page - STMicroelectronics STM32U595AI Datasheet HTML 331Page - STMicroelectronics STM32U595AI Datasheet HTML 332Page - STMicroelectronics STM32U595AI Datasheet HTML 333Page - STMicroelectronics STM32U595AI Datasheet HTML 334Page - STMicroelectronics STM32U595AI Datasheet HTML 335Page - STMicroelectronics STM32U595AI Datasheet HTML 336Page - STMicroelectronics STM32U595AI Datasheet HTML 337Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 377 page
background image
DS13633 Rev 1
333/377
STM32U59xxx
Electrical characteristics
343
Figure 76. USART timing diagram in master mode
Table 144. USART characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock
frequency
Master mode, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
20
MHz
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
53
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
-
27
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
-
30
tsu(NSS) NSS setup time Slave mode
Tker(2) + 2
-
-
ns
th(NSS) NSS hold time Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and
low time
Master mode
1/fCK / 2 - 1 1/fCK / 2 1/fCK / 2 + 1
tsu(RX) Data input
setup time
Master mode
15
-
-
tsu(TX)
Slave mode
2.5
-
-
th(RX) Data input hold
time
Master mode
4
-
-
th(RX)
Slave mode
1
-
-
tv(TX)
Data output
valid time
Slave mode, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
13
16.5
Slave mode, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
13
18.5
tv(TX)
Master mode
-
2.5
6.5
th(TX)
Data output
hold time
Slave mode
8.5
-
-
th(TX)
Master mode
0.5
-
-
1. Evaluated by characterization. Not tested in production.
2. Tker is the usart_ker_ck_pres clock period.
MSv65386V4
CPHA = 0
TX
OUTPUT
RX
INPUT
CPHA = 0
LSB OUT
LSB IN
CPOL = 0
CPOL = 1
BIT1 OUT
1/fCK
tw(CKH)
tw(CKL)
th(RX)
CPHA = 1
CPHA = 1
CPOL = 0
CPOL = 1
tsu(RX)
tv(TX)
th(TX)
MSB IN
BIT6 IN
MSB OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com