Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AI Datasheet(PDF) 335 Page - STMicroelectronics

Part # STM32U595AI
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595AI Datasheet(HTML) 335 Page - STMicroelectronics

Back Button STM32U595AI Datasheet HTML 331Page - STMicroelectronics STM32U595AI Datasheet HTML 332Page - STMicroelectronics STM32U595AI Datasheet HTML 333Page - STMicroelectronics STM32U595AI Datasheet HTML 334Page - STMicroelectronics STM32U595AI Datasheet HTML 335Page - STMicroelectronics STM32U595AI Datasheet HTML 336Page - STMicroelectronics STM32U595AI Datasheet HTML 337Page - STMicroelectronics STM32U595AI Datasheet HTML 338Page - STMicroelectronics STM32U595AI Datasheet HTML 339Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 377 page
background image
DS13633 Rev 1
335/377
STM32U59xxx
Electrical characteristics
343
Table 145. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode, 2.7 V ≤ VDDIOX ≤ 3.6 V,
voltage range 1
--
80
MHz
Master mode, 1.71 V ≤ VDDIOX < 2.7 V
voltage range 1
--
75
or 50(2)
Master transmitter mode,
2.7 V ≤ VDDIOX ≤ 3.6 V, voltage range
1
--
80
Master transmitter mode,
1.71 V ≤ VDDIOX ≤ 2.7 V, voltage range
1
--
75
or 50(2)
Slave receiver mode,
1.71 V ≤ VDDIOX ≤ 3.6 V, voltage range
1
--
100
Slave mode transmitter/full duplex(3),
1.71 V ≤ VDDIOX < 2.7 V, voltage range
1
--
37
or 25(4)
Slave mode transmitter/full duplex(3),
2.7 V ≤ VDDIOX ≤ 3.6 V, voltage range
1
-
-
35.5
Master or slave mode,
1.71 V ≤ VDDIOX ≤ 3.6 V,
voltage range 4
-
-
12.5
Master or slave mode,
1.08 V ≤ VDDIO2 ≤ 1.32 V(5)
--
15
tsu(NSS) NSS setup time
Slave mode
4
-
-
ns
th(NSS) NSS hold time
Slave mode
3
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time Master mode
tSCK(6)/2 - 1 tSCK/2 tSCK/2 + 1
tsu(MI)
Data input setup time
Master mode
4.5
-
-
tsu(SI)
Slave mode
2.5
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access
time
Slave mode
9
12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com